Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP504CF Datasheet(PDF) 9 Page - Sipex Corporation

Part # SP504CF
Description  Application Note
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP504CF Datasheet(HTML) 9 Page - Sipex Corporation

Back Button SP504CF Datasheet HTML 3Page - Sipex Corporation SP504CF Datasheet HTML 4Page - Sipex Corporation SP504CF Datasheet HTML 5Page - Sipex Corporation SP504CF Datasheet HTML 6Page - Sipex Corporation SP504CF Datasheet HTML 7Page - Sipex Corporation SP504CF Datasheet HTML 8Page - Sipex Corporation SP504CF Datasheet HTML 9Page - Sipex Corporation SP504CF Datasheet HTML 10Page - Sipex Corporation SP504CF Datasheet HTML 11Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
SP504AN
SP504 Application Note
© Copyright 2000 Sipex Corporation
9
SP504 - Switching the 150
Ω V.35 Termination Resistor
The SP504 requires one 150
Ω resistor to ground
on each non-inverting (b) driver output. The
150
Ω resistor to ground is necessary to comply
with the V.35 short circuit impedance of
150
Ω±15Ω. The resistors will need to be
switched out when V.35 mode is not active. To
perform this, the designer can use one of two
methods: add a relay or switch in series with the
resistor or implant the resistors inside the V.35
cable.
Adding the resistors to the cable is relatively
easy. In DTE mode, two drivers are usually ac-
tive, therefore you will only need two resistors.
The 150
Ω resistors can be connected individu-
ally from pin S (data) to signal ground (pin B)
and pin W (clock) to signal ground (pin B) of
the V.35 ISO-2593 connector.
For DCE applications, an additional driver may
be used for a secondary clock signal. If a cable
is used on the DCE end, a conversion or "mini"
cable is necessary to insert the resistors and route
the proper signals to the DTE cable. The resis-
tors can be connected from pin S (data), pin W
(clock) and an unassigned pin (2nd clock) to sig-
nal ground, pin B. Of course the pins on the
"mini" cable will have to be routed to the appro-
priate end on the DTE V.35 cable. (ie. pin S, pin
W and the unassigned pin will be routed to pin
T, pin X and pin AA, respectively, on the DTE
end.)
Another method is to include the 150
Ω resistors
on the printed circuit board with the SP504 add-
ing switches or relays. This method may be pre-
ferred if a common connector/cable (ie.
DB-25) is used for V.35 and some other mode.
The switches must have low on-resistance, pref-
erably less than 1
Ω. NMOS FETs can be used
as configured on the opposite page. The gate of
the NMOS device is connected to pin 18 of the
SP504. This pin is HIGH when the SP504 is in
V.35 mode and goes LOW in all other modes.
Pin 18 is not described in the data sheet for the
SP504 but can be used to control the switching
of the FETs or relays.
Sipex recommends Siliconix's LITTLE FOOT™
MOSFET devices such as the Si9959DY™ Dual
N-Channel Enhancement-Mode MOSFET. The
r
DS(on) is typically less than 0.3Ω and the devices
are in 8-pin SOIC packages.
™ - LITTLE FOOT is a trademark of Siliconix, member of TEMIC Group.
Termination Resistor Implementation in the Cable
W
150
Ω
150
Ω
150
Ω
ISO-2593 male connector
ISO-2593 female connector
S – Transmit Data (b)
W – Terminal Timing (b)
B – Signal Ground
B – Signal Ground
T – Receive Data (b)
X –Receive Timing (b)
S
EE
B
T
X
AA
B
AA – Transmit Timing (b)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com