Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP504CF Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP504CF
Description  Application Note
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP504CF Datasheet(HTML) 3 Page - Sipex Corporation

  SP504CF Datasheet HTML 1Page - Sipex Corporation SP504CF Datasheet HTML 2Page - Sipex Corporation SP504CF Datasheet HTML 3Page - Sipex Corporation SP504CF Datasheet HTML 4Page - Sipex Corporation SP504CF Datasheet HTML 5Page - Sipex Corporation SP504CF Datasheet HTML 6Page - Sipex Corporation SP504CF Datasheet HTML 7Page - Sipex Corporation SP504CF Datasheet HTML 8Page - Sipex Corporation SP504CF Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
SP504AN
SP504 Application Note
© Copyright 2000 Sipex Corporation
3
SP503/504 - One Chip Half-Duplex Configuration
22
µF22µF
22
µF
25
27
26
30
28
31
32
1N5819
VCC
VDD
C1-
C2-
VSS
C1+
C2+
22
µF
61
59
+5V
SP503CF or SP504CF
Drivers
TxD
14
58
56
DTR
13
54
52
RTS
16
63
65
TxC
15
42
44
ST
22
47
45
RL
17
51
49
LL
24
70
71
RxD
1
37
38
RxC
20
66
67
CTS
80
68
69
DSR
78
35
36
DCD
19
39
40
RI
21
76
77
SCT
79
Receivers
TDEC3
10
µF
9
10
11
12
TDEC0
TDEC1
TDEC2
9
10
11
12
RDEC0
RDEC1
RDEC2
RDEC3
TxD/RxD
DTR/DSR
RTS/CTS
TxC/RxC
ST/SCT
RL/RI
LL/DCD
29, 34, 46, 50, 53, 57, 60, 64, 72, 75 GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com