Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP504CF Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP504CF
Description  Application Note
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP504CF Datasheet(HTML) 2 Page - Sipex Corporation

  SP504CF Datasheet HTML 1Page - Sipex Corporation SP504CF Datasheet HTML 2Page - Sipex Corporation SP504CF Datasheet HTML 3Page - Sipex Corporation SP504CF Datasheet HTML 4Page - Sipex Corporation SP504CF Datasheet HTML 5Page - Sipex Corporation SP504CF Datasheet HTML 6Page - Sipex Corporation SP504CF Datasheet HTML 7Page - Sipex Corporation SP504CF Datasheet HTML 8Page - Sipex Corporation SP504CF Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
SP504AN
SP504 Application Note
© Copyright 2000 Sipex Corporation
2
SP504 - Overvoltage and ESD Protection Using Transzorbs
Although the SP504 is internally protected for ESD
and overvoltage, an external transient voltage sup-
pression circuit can be added to increase the level of
protection of the device. This may be desired for
greater ESD protection or clamping the input or out-
put voltages. The maximum driver output and re-
ceiver input voltages should not exceed
±15V.
The SP504 configuration above uses ProTek Devices'
SM16LC15C TVS devices to protect the receiver in-
puts and the driver outputs since these pins are di-
rectly exposed to the connector and the outside world.
The V
wm of the TVS can be as low as 5V and high as
15V to cover the RS-232 voltage levels. However,
the RS-232 3k
Ω to 7kΩ input impedance will not
comply if the voltage levels exceed the clamping
voltage of the TVS.
ProTek Devices • Tempe, AZ. • 602-431-8101
22
µF
25
27
26 30
32
1N5819
VCC
VDD
C1-
C2-
VSS
C1+
C2+
22
µF
SP504CF
Drivers
TxD
14
DTR
13
RTS
16
TxC
15
ST
22
RL
17
LL
24
RxD
1
RxC
20
CTS
80
DSR
78
DCD
19
RI
21
SCT
79
Receivers
* - Please note that the ProTek transient
voltage suppressors should also be con-
nected to the other SP504 drivers and re-
ceivers in the same configuration as shown
above.
28
31
22
µF
+5V
15
14 13
12
11 10
23
4
56
7
ProTek Devices
SM16LC15C
ProTek Devices
SM16LC15C
15
14 13
12
11 10
23
4
56
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com