Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP504CF Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP504CF
Description  Application Note
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP504CF Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SP504CF Datasheet HTML 2Page - Sipex Corporation SP504CF Datasheet HTML 3Page - Sipex Corporation SP504CF Datasheet HTML 4Page - Sipex Corporation SP504CF Datasheet HTML 5Page - Sipex Corporation SP504CF Datasheet HTML 6Page - Sipex Corporation SP504CF Datasheet HTML 7Page - Sipex Corporation SP504CF Datasheet HTML 8Page - Sipex Corporation SP504CF Datasheet HTML 9Page - Sipex Corporation SP504CF Datasheet HTML 10Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
SP504AN
SP504 Application Note
© Copyright 2000 Sipex Corporation
6
DTE/DCE Serial Port Configuration with the SP504
78
21
79
24
17
22
TxD
TxC
DTR
RTS
RxD
RxC
CTS
DCD
2 3 4 5 12 11 10 9
2345 12 11 10 9
14
15
13
16
1
20
80
19
DSR
RI
SCT
LL
RL
ST
78
21
79
24
17
22
61
SD(A)
SD(B)
TT(A)
TT(B)
TR(A)
TR(B)
RS(A)
RS(B)
RT(A)
RT(B)
RD(A)
RD(B)
CS(A)
CS(B)
RR(A)
RR(B)
DM(A)
DM(B)
SCT(A)
SCT(B)
IC(A)
IC(B)
LL(A)
LL(B)
ST(A)
ST(B)
SP504
DTE
Config.
SP504
DCE
Config.
59
63
65
58
56
54
52
70
71
37
38
66
67
35
36
68
69
76
77
39
40
51
49
42
44
61
59
63
65
58
56
54
52
70
71
37
38
66
67
35
36
68
69
76
77
40
39
51
49
42
44
47
RL(A) 47
TxD
TxC
DTR
RTS
RxD
RxC
CTS
DCD
14
15
13
16
1
20
80
19
DSR
RI
SCT
LL
RL
ST
SD(A)
SD(B)
TT(A)
TT(B)
TR(A)
TR(B)
RS(A)
RS(B)
RT(A)
RT(B)
RD(A)
RD(B)
CS(A)
CS(B)
RR(A)
RR(B)
DM(A)
DM(B)
SCT(A)
SCT(B)
IC(A)
IC(B)
LL(A)
ST(A)
ST(B)
RL(A)
LL(B)
0
0
0
0
2 34 5 12 11 10 9
14
15
13
16
1
20
80
19
78
21
79
24
17
22
61
59
63
65
58
56
54
52
70
71
37
38
66
67
35
36
68
69
76
77
40
39
51
49
42
44
47
0
1
1
0
TxD
TxC
DTR
RTS
RxD
RxC
CTS
DCD
DSR
RI
SCT
LL
RL
ST
SD(A)
SD(B)
TT(A)
TT(B)
TR(A)
TR(B)
RS(A)
RS(B)
RT(A)
RT(B)
RD(A)
RD(B)
CS(A)
CS(B)
RR(A)
RR(B)
DM(A)
DM(B)
SCT(A)
SCT(B)
IC(A)
IC(B)
LL(A)
LL(B)
ST(A)
ST(B)
RL(A)
SP504
DCE
Config.
0
1
1
0
DB-37 Connector
DB-37 Connector
(V.35 150
Ω termination resistors not shown)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com