Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP505BCF Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP505BCF
Description  WAN Multi-Mode Serial Transceiver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP505BCF Datasheet(HTML) 1 Page - Sipex Corporation

  SP505BCF Datasheet HTML 1Page - Sipex Corporation SP505BCF Datasheet HTML 2Page - Sipex Corporation SP505BCF Datasheet HTML 3Page - Sipex Corporation SP505BCF Datasheet HTML 4Page - Sipex Corporation SP505BCF Datasheet HTML 5Page - Sipex Corporation SP505BCF Datasheet HTML 6Page - Sipex Corporation SP505BCF Datasheet HTML 7Page - Sipex Corporation SP505BCF Datasheet HTML 8Page - Sipex Corporation SP505BCF Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
1
Rev: A Date: 1/27/04
SP505 Multi–Mode Serial Transceiver
© Copyright 2004 Sipex Corporation
The SP505 is a monolithic device that supports eight (8) popular serial interface standards for DTE to
DCE connectivity. The SP505 is fabricated using a low power BiCMOS process technology, and
incorporates a Sipex patented (5,306,954) charge pump allowing +5V only operation. Seven (7) drivers
and seven (7) receivers can be configured via software for any of the above interface modes at any time.
The SP505 requires no additional external components for compliant operation for all of the eight (8)
modes of operation. All necessary termination is integrated within the SP505 and is switchable when
V.35 drivers, V.35 receivers, and V.11 receivers are used. The SP505 can operate as either a DTE or DCE.
Additional features with the SP505 include internal loopback that can be initiated in either single-ended
or differential modes. While in loopback mode, driver outputs are internally connected to receiver inputs
creating an internal signal path convenient for diagnostic testing. This eliminates the need for an external
loopback plug. The SP505 also includes a latch enable pin with the driver and receiver address decoder.
Tri-state ability for the driver and receiver outputs is controlled by supplying a 4-bit word into the address
decoder. Seven (7) drivers and one (1) receiver in the SP505 include separate enable pins for added
convenience. The SP505 is ideal for WAN serial ports in networking equipment such as routers,
switches, DSU/CSU's, and other access devices.
SP505
WAN Multi-Mode Serial Transceiver
DESCRIPTION...
■ +5V Only Operation
■ Seven (7) Drivers and Seven (7) Receivers
■ Driver and Receiver Tri-state Control
■ Internal Transceiver Termination Resistors for
V.11 and V.35 Protocols
■ Loopback Self-Test Mode
■ Software Selectable Protocol Selection
■ Interface Modes Supported:
✓ RS-232 (V.28)
✓ X.21/RS-422 (V.11)
✓ EIA-530 (V.10 & V.11) ✓ EIA-530A (V.10 & V.11)
✓ RS-449 (V.10 & V.11) ✓ V.35 (V.35 & V.28)
✓ V.36 (V.10 & V.11)
✓ RS-485 (un-terminated V.11)
■ Improved ESD Tolerance for Analog I/Os
■ High Differential Transmission Rates
➥ SP505A - 10Mbps
➥ SP505B - over 16Mbps
■ Compliant to NET1/2 and TBR2 Physical
Layer Requirements
(TUV Test Report NET2/052101/98)
(TUV Test Report CTR2/052101/98)
EIA-530
WAN
V.35
®


Similar Part No. - SP505BCF

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP505BCF SIPEX-SP505BCF Datasheet
673Kb / 35P
WAN Multi-Mode Serial Transceiver
SP505BCF SIPEX-SP505BCF Datasheet
496Kb / 36P
WAN Multi-Mode Serial Transceiver
More results

Similar Description - SP505BCF

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP504 SIPEX-SP504 Datasheet
399Kb / 31P
WAN Multi-Mode Serial Transceiver
SP505 SIPEX-SP505 Datasheet
673Kb / 35P
WAN Multi-Mode Serial Transceiver
SP514 SIPEX-SP514 Datasheet
505Kb / 20P
WAN Multi-Mode Serial Transceiver
SP526 SIPEX-SP526 Datasheet
208Kb / 23P
WAN Multi-Mode Serial Transceiver
SP504 SIPEX-SP504 Datasheet
257Kb / 31P
WAN Multi-Mode Serial Transceiver
SP514 SIPEX-SP514 Datasheet
371Kb / 20P
WAN Multi-Mode Serial Transceiver
SP526 SIPEX-SP526 Datasheet
141Kb / 23P
WAN Multi-Mode Serial Transceiver
SP526 SIPEX-SP526_06 Datasheet
360Kb / 24P
WAN Multi-Mode Serial Transceiver
logo
Exar Corporation
SP504 EXAR-SP504 Datasheet
1Mb / 32P
WAN Multi-Mode Serial Transceiver
SP505 EXAR-SP505 Datasheet
1Mb / 35P
WAN Multi-Mode Serial Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com