Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP505BCF Datasheet(PDF) 19 Page - Sipex Corporation

Part # SP505BCF
Description  WAN Multi-Mode Serial Transceiver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP505BCF Datasheet(HTML) 19 Page - Sipex Corporation

Back Button SP505BCF Datasheet HTML 15Page - Sipex Corporation SP505BCF Datasheet HTML 16Page - Sipex Corporation SP505BCF Datasheet HTML 17Page - Sipex Corporation SP505BCF Datasheet HTML 18Page - Sipex Corporation SP505BCF Datasheet HTML 19Page - Sipex Corporation SP505BCF Datasheet HTML 20Page - Sipex Corporation SP505BCF Datasheet HTML 21Page - Sipex Corporation SP505BCF Datasheet HTML 22Page - Sipex Corporation SP505BCF Datasheet HTML 23Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
19
Rev: A Date: 1/27/04
SP505 Multi–Mode Serial Transceiver
© Copyright 2004 Sipex Corporation
Phase 2 (±10V)
— V
SS transfer — Phase two of the clock con-
nects the negative terminal of C
2 to the VSS
storage capacitor and the positive terminal of C
2
to ground, and transfers the generated –l0V or
the generated –5V to C
3. Simultaneously, the
positive side of capacitor C
1 is switched to +5V
and the negative side is connected to ground.
Phase 2 (±5V)
— V
SS & VDD charge storage — C1
+ is recon-
nected to V
CC to recharge the C1 capacitor. C2
+
is switched to ground and C
2
– is connected to C
3.
The 5V charge from Phase 1 is now transferred
to the V
SS storage capacitor.
V
SS receives a
continuous charge from either C
1 or C2. With
the C1 capacitor charged to 5V, the cycle begins
again.
Phase 3
— V
DD charge storage — The third phase of the
clock is identical to the first phase — the charge
transferred in C
1 produces –5V in the negative
terminal of C
1, which is applied to the negative
side of capacitor C
2. Since C2
+ is at +5V, the
voltage potential across C
2 is l0V. For the 5V
output, C
2
+ is connected to ground so that the
potential on C
2 is only +5V.
Phase 4
— V
DD transfer — The fourth phase of the
clock connects the negative terminal of C
2 to
ground and transfers the generated l0V or the
generated 5V across C
2 to C4, the VDD storage
capacitor. Again, simultaneously with this, the
positive side of capacitor C
1 is switched to +5V
and the negative side is connected to ground,
and the cycle begins again.
Since both V
DD and VSS are separately gener-
ated from V
CC in a no–load condition, VDD and
V
SS will be symmetrical. Older charge pump
approaches that generate V– from V+ will show
a decrease in the magnitude of V– compared to
V+ due to the inherent inefficiencies in the
design.
The clock rate for the charge pump typically
operates at 15kHz. The external capacitors must
be a minimum of 22
µF with a 16V breakdown
rating.
External Power Supplies
For applications that do not require +5V only,
external supplies can be applied at the V+ and
V– pins. The value of the external supply volt-
ages must be no greater than +l0.5V. The toler-
ance should be +5% from +10V. The current
drain for the supplies is used for RS-232 and RS-
423 drivers. For the RS-232 driver, the current
requirement will be 3.5mA per driver. The RS-
423 driver worst case current drain will be
11mA per driver. Power sequencing is required
for the SP505. The supplies must be sequenced
accordingly: +10V, +5V and –10V. It is impor-
tant to prevent V
SS from starting up before VCC
or V
DD.
Figure 47. Charge Pump Phase 2 for +10V.
Figure 49. Charge Pump Phase 3.
VCC = +5V
–10V
VDD Storage Capacitor
C1
C2
C4
+
++
–
–
–
VSS Storage Capacitor
C3
+
–
VCC = +5V
–5V
–5V
+5V
VDD Storage Capacitor
C1
C2
C4
+
++
–
–
–
VSS Storage Capacitor
C3
+
–
Figure 50. Charge Pump Phase 4.
Figure 48. Charge Pump Phase 2 for +5V.
VCC = +5V
VDD Storage Capacitor
C1
C2
C4
+
++
–
–
–
VSS Storage Capacitor
C3
+
–
–5V
VCC = +5V
+10V
VDD Storage Capacitor
C1
C2
C4
+
++
–
–
–
VSS Storage Capacitor
C3
+
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com