Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP505BCF Datasheet(PDF) 18 Page - Sipex Corporation

Part # SP505BCF
Description  WAN Multi-Mode Serial Transceiver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP505BCF Datasheet(HTML) 18 Page - Sipex Corporation

Back Button SP505BCF Datasheet HTML 14Page - Sipex Corporation SP505BCF Datasheet HTML 15Page - Sipex Corporation SP505BCF Datasheet HTML 16Page - Sipex Corporation SP505BCF Datasheet HTML 17Page - Sipex Corporation SP505BCF Datasheet HTML 18Page - Sipex Corporation SP505BCF Datasheet HTML 19Page - Sipex Corporation SP505BCF Datasheet HTML 20Page - Sipex Corporation SP505BCF Datasheet HTML 21Page - Sipex Corporation SP505BCF Datasheet HTML 22Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
18
Rev: A Date: 1/27/04
SP505 Multi–Mode Serial Transceiver
© Copyright 2004 Sipex Corporation
A typical +10V charge pump would require
external clamping such as 5V zener diodes on
V
DD and VSS to ground.
The +5V output has
symmetrical levels as in the +10V output. The
+5V is used in the following modes where RS-
423 (V.10) are used: RS-449, EIA-530, EIA-
530A and V.36.
Phase 1 (±10V)
— V
SS charge storage — During this phase of
the clock cycle, the positive side of capacitors
C
1 and C2 are initially charged to +5V. Cl
+ is
then switched to ground and the charge on C
1
– is
transferred to C
2
–. Since C
2
+ is connected to
+5V, the voltage potential across capacitor C
2 is
now 10V.
Phase 1 (±5V)
— V
SS & VDD charge storage and transfer —
With the C
1 and C2 capacitors initially charged
to +5V, C
l
+ is then switched to ground and the
charge on C
1
– is transferred to the V
SS storage
capacitor. Simultaneously the C
2
– is switched to
ground and 5V charge on C
2
+ is transferred to
the V
DD storage capacitor.
FEATURES…
The SP505 is a highly integrated serial trans-
ceiver that allows software control of its inter-
face modes. Similar to the SP504, the SP505
offers the same hardware interface modes for
RS-232 (V.28), RS-422A (V.11), RS-449, RS-
485, V.35, EIA-530 and includes V.36 and EIA-
530A. The interface mode selection is done via
a 4–bit switch for the drivers and receivers. The
SP505 is fabricated using low–power BiCMOS
process technology, and incorporates a Sipex–
patented (5,306,954) charge pump allowing +5V
only operation. Each device is packaged in an
80–pin JEDEC Quad FlatPack package.
The SP505 is ideally suited for wide area net-
work connectivity based on the interface modes
offered and the driver and receiver configura-
tions. The SP505 has seven (7) independent
drivers and seven (7) independent receivers. In
V.35 mode, the SP505 includes the necessary
components and termination resistors internal
within the device for compliant V.35 operation.
THEORY OF OPERATION
The SP505 is made up of five separate circuit
blocks — the charge pump, drivers, receivers,
decoder and switching array. Each of these
circuit blocks is described in more detail below.
Charge–Pump
The SP505 charge pump is based on the SP504
design where Sipex's patented charge pump
design (5,306,954) uses a four–phase voltage
shifting technique to attain symmetrical 10V
power supplies. The charge pump still requires
external capacitors to store the charge. In addi-
tion the SP504 charge pump supplies +10V or
+5V on V
SS and VDD depending on the mode of
operation. There is a free–running oscillator
that controls the four phases of the voltage
shifting. A description of each phase follows.
The SP505 charge pump is used for RS-232
where the output voltage swing is typically
+10V and also used for RS-423. However, RS-
423 requires the voltage swing on the driver
output be between +4V to +6V during an open-
circuit (no load). The charge pump would need
to be regulated down from +10V to +5V.
VCC = +5V
–5V
–5V
+5V
VDD Storage Capacitor
C1
C2
C4
+
++
–
–
–
VSS Storage Capacitor
C3
+
–
Figure 46. Charge Pump Phase 1 for +5V.
VCC = +5V
+5V
VDD Storage Capacitor
C1
C2
C4
+
++
–
–
–
VSS Storage Capacitor
C3
+
–
–5V
Figure 45. Charge Pump Phase 1 for +10V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com