Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP505BCF Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP505BCF
Description  WAN Multi-Mode Serial Transceiver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP505BCF Datasheet(HTML) 4 Page - Sipex Corporation

  SP505BCF Datasheet HTML 1Page - Sipex Corporation SP505BCF Datasheet HTML 2Page - Sipex Corporation SP505BCF Datasheet HTML 3Page - Sipex Corporation SP505BCF Datasheet HTML 4Page - Sipex Corporation SP505BCF Datasheet HTML 5Page - Sipex Corporation SP505BCF Datasheet HTML 6Page - Sipex Corporation SP505BCF Datasheet HTML 7Page - Sipex Corporation SP505BCF Datasheet HTML 8Page - Sipex Corporation SP505BCF Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
4
Rev: A Date: 1/27/04
SP505 Multi–Mode Serial Transceiver
© Copyright 2004 Sipex Corporation
SPECIFICATIONS
T
A = +25°C and VCC = +4.75V to +5.25V unless otherwise noted.
MIN.
TYP.
MAX.
UNITS
CONDITIONS
V.11 RECEIVER (continued)
DC Parameters (cont.)
Input Current
–3.25
+3.25
mA
per Figure 20 and 22
Current w/ 100 Termination
+60.75
mA
per Figure 23 and 24
Input Impedance
4
kΩ
AC Parameters
V
CC = +5V for AC parameters
Propagation Delay
t
PHL
80
110
130
ns
per Figures 33 and 38; C
L = 50pF
t
PLH
80
110
130
ns
per Figures 33 and 38; C
L = 50pF
Differential Skew
20
ns
per Figure 33; C
L = 50pF
Max.Transmission Rate
per Figure 33; C
L = 50pF
SP505ACF
10
12
Mbps
f
IN = 5MHz
SP505BCF
16.4
18
Mbps
f
IN = 8.2MHz
V.35 DRIVER
DC Parameters
Outputs
Open Circuit Voltage
+1.20
Volts
per Figure 16
Test Terminated Voltage
+0.44
+0.66
Volts
per Figure 25
Offset
+0.6
Volts
per Figure 25
Source Impedance
50
150
Ω
per Figure 27; Z
S = V2/V1 x 50
Short-Circuit Impedance
135
165
Ω
per Figure 28
AC Parameters
V
CC = +5V for AC parameters
Outputs
Transition Time
30
40
ns
per Figure 29; 10% to 90%
Propagation Delay
t
PHL
50
90
110
ns
per Figures 33 and 36; C
L = 20pF
t
PLH
50
90
110
ns
per Figures 33 and 36; C
L = 20pF
Differential Skew
20
30
ns
per Figures 33 and 36; C
L = 20pF
Max.Transmission Rate
per Figure 33; C
L = 20pF
SP505ACF
10
12
Mbps
f
IN = 5MHz
SP505BCF
16.4
18
Mbps
f
IN = 8.2MHz
V.35 RECEIVER
DC Parameters
Inputs
Sensitivity
+80
mV
Source Impedance
90
110
Ω
per Figure 30; Z
S = V2/V1 x 50
Short-Circuit Impedance
135
165
Ω
per Figure 31
AC Parameters
V
CC = +5V for AC parameters
Propagation Delay
t
PHL
80
110
130
ns
per Figures 33 and 38; C
L = 20pF
t
PLH
80
110
130
ns
per Figures 33 and 38; C
L = 20pF
Differential Skew
20
ns
per Figure 33; C
L = 20pF
Max.Transmission Rate
per Figure 33; C
L = 20pF
SP505ACF
10
12
Mbps
f
IN = 5MHz
SP505BCF
16.4
18
Mbps
f
IN = 8.2MHz
TRANSCEIVER LEAKAGE CURRENTS
Driver Output 3-State Current
100
500
µA
per Figure 32; Drivers disabled
Rcvr Output 3-State Current
1
10
µA
DEC
X = 0000, 0.4V
V
O
2.4V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com