Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6231 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP6231
Description  500mA, 3.3V Linear Regulator with Auxiliary Backup
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6231 Datasheet(HTML) 2 Page - Sipex Corporation

  SP6231 Datasheet HTML 1Page - Sipex Corporation SP6231 Datasheet HTML 2Page - Sipex Corporation SP6231 Datasheet HTML 3Page - Sipex Corporation SP6231 Datasheet HTML 4Page - Sipex Corporation SP6231 Datasheet HTML 5Page - Sipex Corporation SP6231 Datasheet HTML 6Page - Sipex Corporation SP6231 Datasheet HTML 7Page - Sipex Corporation SP6231 Datasheet HTML 8Page - Sipex Corporation SP6231 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Date: 5/25/04
SP6231 500mA, 3.3V Linear Regulator
© Copyright 2004 Sipex Corporation
VIN ......................................................................................... 0.3V to 7V
VOUT ..................................................................................... 0.3V to 6V
VAUX ..................................................................................... 0.3V to 7V
Storage Temperature ........................ -65°C to 150°C
Power Dissipation ............................ internally limited
Lead Temperature (Soldering) .... 60 sec. max above
183°C,230°C Peak
PARAMETER
UNITS
MIN
TYP
MAX
CONDITIONS
LINEAR REGULATOR
Output Voltage
V
3.200
3.300
3.400
10mA < I
OUT < 500mA
Line Regulation
mV
1
5
V
IN = 4.75V to 6V
Load Regulation
mV
5
25
V
IN = 5V,
I
OUT = 10mA to 500mA
Ground Current
µA
110
I
OUT = 10mA
µA
400
I
OUT = 500mA
Current Limit
A
0.55
1.0
1.5
0V < V
OUT < 3.2V
Thermal Shutdown
°C
140
165
V
IN = 5V or VIN = 0V
Thermal Shutdown
°C15
Hysteresis
VSENSE Pin Current
µA15
AUXILIARY BACKUP
Upper V
IN Threshold
V
4.35
4.5
4.65
V
IN increasing
Lower V
IN Threshold
V
4.25
4.4
4.55
V
IN decreasing
V
IN Threshold Hysteresis
mV
100
Ground Current
µA40
V
IN < 4.25V, VAUX = 3.3V,
I
OUT = 0mA
R
DS(ON)
0.2
0.4
V
IN < 4.25V,VAUX = 3.3V,
I
OUT = 500mA
Current Limit
A
1.1
0V < V
OUT < 3.2V
Maximum Junction
°C
125
Temperature, T
J(MAX)
Thermal Resistance, θ
JA
°C/W
57
DFN package
Unless otherwise specified: -40°C < T
A < 85°C, 4.75V≤ VIN < 6V, COUT ≥ 10µF with ESR <1Ω, IOUT = 10mA,
V
AUX = 3.3V
These are stress ratings only and functional operation
of the device at these ratings or any other above those
indicated in the operation sections of the specifica-
tions below is not implied.
Exposure to absolute
maximum rating conditions for extended periods of
time may affect reliability.
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com