Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6231 Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP6231
Description  500mA, 3.3V Linear Regulator with Auxiliary Backup
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6231 Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SP6231 Datasheet HTML 2Page - Sipex Corporation SP6231 Datasheet HTML 3Page - Sipex Corporation SP6231 Datasheet HTML 4Page - Sipex Corporation SP6231 Datasheet HTML 5Page - Sipex Corporation SP6231 Datasheet HTML 6Page - Sipex Corporation SP6231 Datasheet HTML 7Page - Sipex Corporation SP6231 Datasheet HTML 8Page - Sipex Corporation SP6231 Datasheet HTML 9Page - Sipex Corporation SP6231 Datasheet HTML 10Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
Date: 5/25/04
SP6231 500mA, 3.3V Linear Regulator
© Copyright 2004 Sipex Corporation
TYPICAL PERFORMANCE CHARACTERISTICS: continued
Figure 9. Supply Switching under full load, Vaux=3.3V.
Ch 1=Vin; Ch 2=Vout; Ch 3=Iload (500mA/div).
Figure 8. Load transients. 1 - VOUT, 4 - ILOAD (500mA/div)
Input Capacitor
A small capacitor 2.2
µF or higher, is required
from VIN to GND and VAUX to GND to create a
high frequency bypass for the LDO amplifier.
Any ceramic or tantalum capacitor may be used
at the inputs. Capacitor ESR (equivalent series
resistance) should be smaller than 1
Ω.
Output Capacitor
An output capacitor is required between VOUT
and GND to prevent oscillations. A 2.2
µF ca-
pacitor ensures unconditional stability from no
load to full load over the entire input voltage and
temperature range. Larger capacitor values im-
prove the regulator’s transient response. The
output capacitor value may be increased with-
out limit. The output capacitor should have an
ESR below 3
Ω and a resonant frequency above
1MHz.
Thermal Considerations
The SP6231 is designed to provide 500mA of
continuous current. Maximum power dissipa-
tion can be calculated based on the output cur-
rent and voltage drop across the device. To
determine the maximum power dissipation in
the package, use the junction-to-ambient ther-
mal resistance of the device and the following
basic equation:
PD(max) = (TJ(max) - TA) / θJA
TJ(max) is the maximum junction temperature of
the die and is 125
°C. TA is the ambient operating
temperature.
θJA is the junction-to-ambient ther-
mal resistance for the regulator and is layout and
package dependent.
The actual power dissipation of the regulator
circuit can be determined using one simple
equation:
PD = (VIN - VOUT) * IOUT + VIN * IGND
≅ (VIN - VOUT) * IOUT
Substituting PD(max) for PD and solving for the
operating conditions that are critical to the ap-
plication gives the maximum operating condi-
tions for the regulator circuit. For example if we
are operating the SP6231 at room temperature,
with a minimum footprint layout, we can deter-
mine the maximum input voltage for a set output
current.
PD(max) = (125°C - 25°C) / 57°C/W = 1754mW
(
θJA = 57°C/W for the 3x3 MLP package)
Notice that the LDO in the MLP package has a
much smaller
θJA than in comparable dimen-
sions. For comparison,
θJA = 220°C/W for a
SOT-23 package.
APPLICATION INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com