Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6231 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP6231
Description  500mA, 3.3V Linear Regulator with Auxiliary Backup
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6231 Datasheet(HTML) 1 Page - Sipex Corporation

  SP6231 Datasheet HTML 1Page - Sipex Corporation SP6231 Datasheet HTML 2Page - Sipex Corporation SP6231 Datasheet HTML 3Page - Sipex Corporation SP6231 Datasheet HTML 4Page - Sipex Corporation SP6231 Datasheet HTML 5Page - Sipex Corporation SP6231 Datasheet HTML 6Page - Sipex Corporation SP6231 Datasheet HTML 7Page - Sipex Corporation SP6231 Datasheet HTML 8Page - Sipex Corporation SP6231 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Date: 5/25/04
SP6231 500mA, 3.3V Linear Regulator
© Copyright 2004 Sipex Corporation
FEATURES
■ “Tiny” DFN Package Offers Excellent Thermal
Characteristics (also available in NSOIC)
■ “Glitch Free” Transition between Two Supplies
■ 3.3V Fixed LDO Output Voltage
■ 400µA Quiescent Current @500mA Load
■ Fast Transient Response
■ Current Limit Protection
■ Thermal Shutdown Protection with Hysteresis
■ Auxiliary Supply Control
■ Internal 0.2Ω PFET Switch Eliminates External
FETs
■ Kelvin Connection with 3.3V Feedback
500mA, 3.3V Linear Regulator with Auxiliary Backup
SP6231
DESCRIPTION
APPLICATIONS
■ USB Peripherals
■ NIC Cards
■ PCMCIA/PCI Cards
■ Desktop Computers
■ Dual Power Systems
®
The SP6231 is a 500mA, 3.3V LDO with an integrated auxiliary voltage input switch. During
normal operation, the SP6231 acts as a standard LDO with an output voltage of 3.3V delivering
up to 500mA. When the 5V input drops below 4.4V, the 3.3V, VAUX input is switched to the output
through an internal PFET, maintaining a constant “glitch free” output voltage.
The SP6231 is ideally suited for NIC cards and portable battery powered equipment. When a
desktop computer reverts to sleep mode, its 5V bus is removed, leaving only the 3.3V bus. The
SP6231’s auxiliary output passes the 3.3V bus through, keeping the NIC card available for any
Wake-On-LAN command. In battery powered applications, the SP6231 draws power from any
available 5V USB connection and reverts to battery power when the USB power is removed.
VOUT 3.3V
@ 500mA
SP6231
GND
OUT
+5V USB
VIN
VAUX
VSENSE
+3.3VAUX
C2
2.2µF
GND
GND
C1
2.2µF
C3
10µF
TYPICAL APPLICATION CIRCUIT
Now Available in Lead Free Packaging
1
2
3
4
5
6
7
8
VAUX
VIN
SP6231
8 Pin NSOIC
GND
VOUT
GND
GND
GND
VSENSE


Similar Part No. - SP6231

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6231EB SIPEX-SP6231EB Datasheet
163Kb / 4P
Evaluation Board Manual
SP6231EN SIPEX-SP6231EN Datasheet
163Kb / 4P
Evaluation Board Manual
SP6231ER SIPEX-SP6231ER Datasheet
163Kb / 4P
Evaluation Board Manual
More results

Similar Description - SP6231

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5231-3 CHERRY-CS5231-3 Datasheet
280Kb / 11P
500mA, 3.3V Linear Regulator with Auxiliary Control
Rev. 3/31/99
logo
Anpec Electronics Corop...
APL5521 ANPEC-APL5521 Datasheet
81Kb / 9P
Dual-Channel, 3.3V/500mA and 2.5V/300mA Linear Regulator
APL5523 ANPEC-APL5523 Datasheet
143Kb / 11P
Dual-Channel, 3.3V/500mA and 1.8V/300mA Linear Regulator
logo
List of Unclassifed Man...
FS8855 ETC1-FS8855 Datasheet
624Kb / 13P
500mA LDO Linear Regulator
logo
Anpec Electronics Corop...
APL5522 ANPEC-APL5522 Datasheet
193Kb / 12P
Dual-Channel, 3.3V/500mA and 2.5V/500mA Linear Regulator
APL5523 ANPEC-APL5523_09 Datasheet
253Kb / 13P
Dual-Channel, 3.3V/500mA and 1.8V/300mA Linear Regulator
logo
Monolithic Power System...
MP8904 MPS-MP8904 Datasheet
300Kb / 10P
500mA Linear Regulator
logo
Nuvoton Technology Corp...
NCT3705U NUVOTON-NCT3705U Datasheet
376Kb / 23P
500mA Linear Regulator
logo
GS Yuasa Battery Sales ...
HJ-S34B20R GSYUASABATTERY-HJ-S34B20R Datasheet
288Kb / 1P
Auxiliary, Backup & Specialist Batteries
HJ-S46B24R GSYUASABATTERY-HJ-S46B24R Datasheet
317Kb / 1P
Auxiliary, Backup & Specialist Batteries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com