Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6231 Datasheet(PDF) 7 Page - Sipex Corporation

Part # SP6231
Description  500mA, 3.3V Linear Regulator with Auxiliary Backup
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6231 Datasheet(HTML) 7 Page - Sipex Corporation

Back Button SP6231 Datasheet HTML 2Page - Sipex Corporation SP6231 Datasheet HTML 3Page - Sipex Corporation SP6231 Datasheet HTML 4Page - Sipex Corporation SP6231 Datasheet HTML 5Page - Sipex Corporation SP6231 Datasheet HTML 6Page - Sipex Corporation SP6231 Datasheet HTML 7Page - Sipex Corporation SP6231 Datasheet HTML 8Page - Sipex Corporation SP6231 Datasheet HTML 9Page - Sipex Corporation SP6231 Datasheet HTML 10Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
Date: 5/25/04
SP6231 500mA, 3.3V Linear Regulator
© Copyright 2004 Sipex Corporation
VOUT 3.3V
SP6231
GND
VIN
VAUX
VSENSE
VAUX +3.3V
C5
2.2µF
C4
10µF
VOUT
GND
C3
2.2µF
VIN 5V
GND
1
2
3
4
+5V
USB Connector
GND
LX
VBATT
SHDN
J1
10µH
VOUT
SHDN
C2
100µF
Schottky
Diode
D1
1
2
3
C1
100µF
5
4
1
2
3
VBATT
SP6641B
J3
1
2
3
6
5
4
SP6231 500mA, 3.3V CMOS LDO
with Auxiliary Backup
SP6641B Two Cell Boost
To prevent the device from entering thermal
shutdown, maximum power dissipation can not
be exceeded. Using the output voltage 3.3V and
an output current of 500mA, the maximum input
voltage can be determined. Ground pin current
can be taken from the electrical characteristics
table (IGND = 400µA at IOUT = 500mA). The
maximum input voltage is determined as fol-
lows:
1754mW = (VIN - 3.3V) * 500mA + VIN * 0.4 mA
Solving for VIN, we get:
VIN = (1754mW + 1650mW) / 500.2mA
After calculations, we find that the maximum
input voltage of a 500mA application in a 3x3
MLP package, with a minimum footprint lay-
out, is 6.8V.
APPLICATION INFORMATION: continued
This application circuit is available as the evaluation board SP6231EB and is described in detail in the
SP6231 Evaluation Board Manual.
Portable Application Circuit: SP6231 and SP6641B
SP6231 with SP6641 in a Portable
Application
In a portable application, the power sources are
often switched between batteries and USB 5V
supplies. Utilizing USB power eliminates the
loading on the batteries when the device is
connected to computers, and thus can signifi-
cantly increase battery life. When the device is
powered by single or dual alkaline batteries, a
boost regulator, such as SP6641A/B, converts
the battery voltages to a regulated 3.3V.
SP6641A/B is packaged in a tiny SOT-23 pack-
age and requires less than 10
µA quiescent cur-
rent. When the output of SP6641A/B is con-
nected to SP6231 as an auxiliary supply, SP6231
will automatically disconnect its load when the
presence of USB power is detected. However,
when the portable device is disconnected from
USB, SP6231 seamlessly reconnects SP6641A/
B output to the load.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com