Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6661EB Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP6661EB
Description  Evaluation Board Manual
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6661EB Datasheet(HTML) 1 Page - Sipex Corporation

  SP6661EB Datasheet HTML 1Page - Sipex Corporation SP6661EB Datasheet HTML 2Page - Sipex Corporation SP6661EB Datasheet HTML 3Page - Sipex Corporation SP6661EB Datasheet HTML 4Page - Sipex Corporation SP6661EB Datasheet HTML 5Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
rev. 4/12/01
SP6661 Evaluation Board Manual
© Copyright 2001 Sipex Corporation
1
The SP6661 Evaluation Board is designed with 2 complete SP6661 circuits on one board
to help the user evaluate the performance of the SP6661 in both Inverter and Doubler modes.
The evaluation board provides easy probe access points to all SP6661 Inputs and Outputs
so that the user can quickly connect and measure electrical characteristics and waveforms
of the Inverter or Doubler. The SP6661 Evaluation Board also provides a 3V to 5V 150mA
DC to DC Converter using the SP6661 Doubler Circuit and a 5V LDO Regulator.
The next two sections describe the SP6661 Board Layout and Using the SP6661 Evaluation
Boards. A table of SP6661 Pin Assignments is also included with details on Input/Output pin
function. A SP6661 Evaluation Board List of Materials table is provided with some manufac-
turers part numbers to use as a reference. Finally, a schematic is included of the SP6661
Evaluation Board.
DESCRIPTION
SP6661
Evaluation Board Manual
s Easy Evaluation for the SP6661
Inverter/Doubler 200mA Charge
Pump
s Only 0.25 sq. in. of Board Space
needed for Inverter or Doubler
s 3V to 5V Converter using SP6661
Doubler and 5V LDO Regulator
s Smallest Industry ’660 Pinout
available with
µSOIC package
®
Approx. 2 X Full Scale


Similar Part No. - SP6661EB

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6661EB SIPEX-SP6661EB Datasheet
513Kb / 8P
High Frequency 200mA Charge Pump Inverter or Doubler
logo
Exar Corporation
SP6661EB EXAR-SP6661EB Datasheet
520Kb / 8P
High Frequency 200mA Charge Pump
More results

Similar Description - SP6661EB

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6126 SIPEX-SP6126_1 Datasheet
375Kb / 8P
Evaluation Board Manual
SP6652LED SIPEX-SP6652LED Datasheet
505Kb / 4P
Evaluation Board Manual
SP6654EB SIPEX-SP6654EB Datasheet
185Kb / 4P
Evaluation Board Manual
SP6687 SIPEX-SP6687_06 Datasheet
61Kb / 4P
Evaluation Board Manual
SP7615 SIPEX-SP7615_1 Datasheet
84Kb / 4P
Evaluation Board Manual
SP7618 SIPEX-SP7618_06 Datasheet
87Kb / 6P
Evaluation Board Manual
SP7619 SIPEX-SP7619_06 Datasheet
61Kb / 4P
Evaluation Board Manual
SP7648 SIPEX-SP7648_05 Datasheet
254Kb / 4P
Evaluation Board Manual
SP7662 SIPEX-SP7662_1 Datasheet
545Kb / 11P
Evaluation Board Manual
logo
Eorex Corporation
EP3003EV EOREX-EP3003EV Datasheet
223Kb / 5P
Evaluation Board Manual
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com