Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6661EB Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP6661EB
Description  Evaluation Board Manual
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6661EB Datasheet(HTML) 4 Page - Sipex Corporation

  SP6661EB Datasheet HTML 1Page - Sipex Corporation SP6661EB Datasheet HTML 2Page - Sipex Corporation SP6661EB Datasheet HTML 3Page - Sipex Corporation SP6661EB Datasheet HTML 4Page - Sipex Corporation SP6661EB Datasheet HTML 5Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
rev. 4/12/01
SP6661 Evaluation Board Manual
© Copyright 2001 Sipex Corporation
4
TABLE OF SP6661EB LIST OF MATERIALS
Ref. Des.
Qty.
Manufacturer
Part Number
Layout
Component
Vendor
Size
Phone Number
PCB
1
Sipex Corp.
146-6363
1.5"x1.5"
PCB Inverter & Doubler
978-667-7800
U1, 3
2
Sipex Corp.
SP6661EU
8-uSOIC
Inverter/Doubler uSOIC
978-667-7800
U2
1
Sipex Corp
SP6201EM5-5.0
SOT23-5
5V LDO Reg. SOT23-5
978-667-7800
C1,3,4,6-8
6
TDK Corp.
C2012X5R1A335K
0805
3.3uF 6.3V Ceramic X5R SM
847-803-6400
C2
1
TDK Corp.
C3216X5R1A335K
1206
3.3uF 10V Ceramic X5R SM
847-803-6400
D1
1
On-Semi
MBR0530
SOD-123
Schottky Diode SM
14
Vector
R30
Socket Pins
800-DIGI-KEY
SP6661 EVALUATION BOARD SCHEMATIC
SP6661
®
1
2
3
4
8
7
6
5
FC
CAP+
GND
CAP-
V+
OSC
LV
OUT
SP6201
1
2
3
5
4
VIN
GND
ON/OFF_N
VOUT
RESET_N
Doubler
SP6661
®
1
2
3
4
8
7
6
5
FC
CAP+
GND
CAP-
V+
OSC
LV
OUT
Inverter
Note
Probe access points as shown
are for external connections by the user.
VIN
GND
CAP+
C3
3.3
µF
cer.
C1
3.3
µF
cer.
C2
3.3
µF
cer.
C4
3.3
µF
cer.
GND
+5V
LDO
VOUT
FC
GND
VIN
GND
CAP+
C8
3.3
µF
cer.
C6
3.3
µF
cer.
C7
3.3
µF
cer.
VOUT
FC
GND



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com