Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6661EB Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP6661EB
Description  Evaluation Board Manual
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6661EB Datasheet(HTML) 2 Page - Sipex Corporation

  SP6661EB Datasheet HTML 1Page - Sipex Corporation SP6661EB Datasheet HTML 2Page - Sipex Corporation SP6661EB Datasheet HTML 3Page - Sipex Corporation SP6661EB Datasheet HTML 4Page - Sipex Corporation SP6661EB Datasheet HTML 5Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
rev. 4/12/01
SP6661 Evaluation Board Manual
© Copyright 2001 Sipex Corporation
2
BOARD LAYOUT
The SP6661 Evaluation Board has been
designed to easily and conveniently provide
access to all Inputs and Outputs of the
SP6661 device under test.
Position the
board with the silkscreen lettering upright
(also see the drawing on the front page of
this manual) and you will see two circuits –
the Doubler Circuit on top, and the Inverter
Circuit below. Also, note the Doubler Circuit
is followed by an LDO Circuit, producing a
5V regulated output from a 3V input to the
Doubler. The Input and Output connections
are made with raised female pin receptacles
which can accommodate easy-hook con-
nection leads for power and meter connec-
tions, as well as scope probe hooks and
grounds for waveform measurements.
USING THE EVALUATION BOARD
Connect the SP6661 Evaluation Board
Doubler Circuit or Inverter Circuit to a posi-
tive power supply for VIN. It is good practice
to not switch power on until power connec-
tions are made to the evaluation board.
Evaluating Doubler Circuit
VIN — U1-3 — Connect to external supply
VIN = +2.5 to +5.0V.
GND — U1-5 — Connect to external supply
GND.
CAP+ — U1-2 — Use to monitor Charge
Pump Frequency (1/2 OSC pin frequency).
VOUT — U1-8 — Connect to Load, Meter or
Scope. VOUT = +5.0 to +10.0V.
GND — U1-5 — Connect to Load, Meter or
Scope GND.
FC — U1-1 — Connect to OPEN for Low
Frequency, to VOUT for High Frequency.
SP6661 EVALUATION BOARD
Evaluating Doubler Circuit with 5V LDO
Regulator
Same connections as Doubler above, but
with additional LDO outputs:
+5 — U2-5 — Connect to Load, Meter or
Scope. VOUT = +5.0V.
GND — U2-2 — Connect to Load, Meter or
Scope GND.
Evaluating Inverter Circuit
VIN — U3-8 — Connect to external supply
VIN = +1.5 to +5.0V.
GND — U3-3 — Connect to external supply
GND.
CAP+ — U3-2 — Use to monitor Charge
Pump Frequency (1/2 OSC pin frequency).
VOUT — U3-5 — Connect to Load, Meter or
Scope. VOUT = -1.5 to –5.0V.
GND — U3-3 — Connect to Load, Meter or
Scope GND.
FC — U3-1 — Connect to OPEN for Low
Frequency, to VOUT for High Frequency.
Evaluating Oscillator Performance with
Inverter or Doubler Circuit
To accurately measure the internal oscilla-
tor frequency at pin 7 is extremely difficult,
since any connection to this pin may induce
capacitance which will change the frequency
(1/RoscCosc). It is for this reason that the
SP6661 Evaluation Board has only a small
pad connection to it and not a pin receptacle.
Alternatively, you can measure the charge
pump frequency at the CAP+ pin, which
equals _ the OSC pin frequency.
To run the Inverter or Doubler Circuit at other
frequencies, the OSC pin can be driven with
an external oscillator with a square wave of
0 to VIN volts. Tests have shown that typi-
cally the circuits can perform up to oscillator
frequencies of 900kHz.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com