Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6661EB Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP6661EB
Description  Evaluation Board Manual
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6661EB Datasheet(HTML) 3 Page - Sipex Corporation

  SP6661EB Datasheet HTML 1Page - Sipex Corporation SP6661EB Datasheet HTML 2Page - Sipex Corporation SP6661EB Datasheet HTML 3Page - Sipex Corporation SP6661EB Datasheet HTML 4Page - Sipex Corporation SP6661EB Datasheet HTML 5Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
rev. 4/12/01
SP6661 Evaluation Board Manual
© Copyright 2001 Sipex Corporation
3
TABLE OF SP6661EB PIN ASSIGNMENTS
Pin No.
Pin Name
Pin Function
Input/Output Pin Name
U1 - Doubler Circuit
1
FC
Frequency Control
FC
2
CAP+
Pump Capacitor +
CAP+
3
GND
VIN (Doubler Mode)
VIN
4
CAP-
Pump Capacitor -
5
OUT
GND (Doubler Mode)
GND
6
LV
to VIN in Doubler
7
OSC
Oscillator Control Pin
8V+
VOUT (Doubler Mode)
VOUT
U2 - LDO Regulator Circuit
1VIN
VIN of LDO
2
GND
GND of LDO
GND
3
ON/OFF_N
ON to Vin of LDO
4
BYPASS
Bypass Cap C5 to GND
5VOUT
+5V Output of LDO
+5
U3 - Inverter Circuit
1
FC
Frequency Control
FC
2
CAP+
Pump Capacitor +
CAP+
3
GND
GND in Inverter
GND
4
CAP-
Pump Capacitor -
5
OUT
OUT in Inverter
VOUT
6
LV
to GND in Inverter
7
OSC
Oscillator Control Pin
8V+
VIN in Inverter
VIN



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com