Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC856AW-G Datasheet(PDF) 5 Page - Comchip Technology

Part # BC856AW-G
Description  Small Signal Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

BC856AW-G Datasheet(HTML) 5 Page - Comchip Technology

  BC856AW-G Datasheet HTML 1Page - Comchip Technology BC856AW-G Datasheet HTML 2Page - Comchip Technology BC856AW-G Datasheet HTML 3Page - Comchip Technology BC856AW-G Datasheet HTML 4Page - Comchip Technology BC856AW-G Datasheet HTML 5Page - Comchip Technology BC856AW-G Datasheet HTML 6Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
QW-BTR36
Comchip Technology CO., LTD.
Page 5
REV:B
B
C
d
D
D2
D1
SOT-323
SYMBOL
A
(mm)
(inch)
2.142
± 0.016
4.00 ± 0.10
1.55 + 0.10
54.40 ± 0.40
13.0 ± 0.20
4.00 ± 0.10
2.00 ± 0.10
178 ± 1.00
0.061 0.004
+
7.008 ± 0.039
0.512 ± 0.008
SYMBOL
(mm)
(inch)
0.158 ± 0.004
0.158 ± 0.004
0.079 ± 0.004
E
F
P
P0
P1
W
W1
1.75 ± 0.10
0.069 ± 0.004
3.50 ± 0.05
0.138± 0.002
SOT-323
2.25 ± 0.10
0.089 ± 0.004
2.55 ± 0.10
0.100 ± 0.004
1.19 ± 0.10
0.047 ± 0.004
9.50 ± 1.00
0.374 ± 0.039
8.00 0.30 /
+
–0.10
0.315 0.012 /
+
–0.004
Small Signal Transistor
Reel Taping Specification
Trailer
Device
Leader
10 pitches (min)
10 pitches (min)
.......
.......
.......
.......
.......
.......
.......
.......
End
Start
D1
D2
D
W1
T
C
Direction of Feed
Index hole
d
E
F
B
W
P
P0
P1
A
Company reserves the right to improve product design , functions and reliability without notice.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com