Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC856AW-G Datasheet(PDF) 2 Page - Comchip Technology

Part # BC856AW-G
Description  Small Signal Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

BC856AW-G Datasheet(HTML) 2 Page - Comchip Technology

  BC856AW-G Datasheet HTML 1Page - Comchip Technology BC856AW-G Datasheet HTML 2Page - Comchip Technology BC856AW-G Datasheet HTML 3Page - Comchip Technology BC856AW-G Datasheet HTML 4Page - Comchip Technology BC856AW-G Datasheet HTML 5Page - Comchip Technology BC856AW-G Datasheet HTML 6Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Electrical Characteristics (TA= 25 °C unless otherwise specified)
Comchip Technology CO., LTD.
Page 2
REV:B
Small Signal Transistor
QW-BTR36
Collector-Base Breakdown Voltage
Collector-Emitter Breakdown Voltage
Emitter-Base Break
Voltage
down
Collector Cut-off Current
Collector-Emitter Saturation Voltage
Units
Symbol
Parameter
MIN
VCBO
VCEO
VEBO
ICBO
VCE(sat)
Cob
-80
-50
-30
-65
-45
-30
-5
-15
4.5
V
V
V
nA
Test Conditions
IC = -10μA , IE=0
IC = -10mA , IB=0
IE = -1μA , IC=0
VCB= -30V , IE=0
MAX
DC Current Gain
hFE
BC856AW,857AW,858AW
BC856BW,857BW,858BW
BC857CW,858CW
VCE = -5V , IC= -2mA
250
475
800
IC =-100mA , IB=-5mA
-0.65
Base-Emitter Saturation Voltage
VBE(sat)
V
IC =-100mA , IB=-5mA
Transition Frequency
fT
MHZ
100
VCE=-5V , IC=-10mA
f=100MHZ
Collector Capacitance
VCB =-10V , f=1MHZ
pF
BC856W-G
BC858W-G
BC857W-G
BC856W-G
BC858W-G
BC857W-G
-1.1
125
220
420
Company reserves the right to improve product design , functions and reliability without notice.
V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com