Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC856AW-G Datasheet(PDF) 1 Page - Comchip Technology

Part # BC856AW-G
Description  Small Signal Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

BC856AW-G Datasheet(HTML) 1 Page - Comchip Technology

  BC856AW-G Datasheet HTML 1Page - Comchip Technology BC856AW-G Datasheet HTML 2Page - Comchip Technology BC856AW-G Datasheet HTML 3Page - Comchip Technology BC856AW-G Datasheet HTML 4Page - Comchip Technology BC856AW-G Datasheet HTML 5Page - Comchip Technology BC856AW-G Datasheet HTML 6Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Small Signal Transistor
RoHS Device
Features
-Power dissipation
PCM: 0.15W (@TA=25°C)
-Collector current
ICM: -0.1A
-Collector-base voltage
VCBO: BC856W= -80V
BC857W= -50V
BC858W= -30V
-Operating and storage junction temperature
range: TJ, TSTG= -65 to +150°C
Mechanical data
-Case: SOT-323, molded plastic.
-Terminals: solderable per MIL-STD-750,
method 2026.
Circuit diagram
BC856AW-G Thru. BC858CW-G (PNP)
Collector-Base Voltage
Collector-Emitter Voltage
Emitter-Base Voltage
Collector Current -Continuous
Storage Temperature Range
Units
Symbol
Parameter
Value
3
1
2
VCBO
VCEO
VEBO
IC
PC
-80
-50
-30
-65
-45
-30
-5
150
V
V
V
A
mW
Dimensions in inches and (millimeter)
SOT-323
1
2
3
0.087 (2.20)
0.079 (2.00)
0.096 (2.45)
0.085 (2.15)
0.016 (0.40)
0.008 (0.20)
0.053(1.35)
0.045(1.15)
0.039 (1.00)
0.035 (0.90)
0.010 (0.26)
0.004 (0.10) max
0.006 (0.15)
0.003 (0.08)
0.055 (1.40)
0.047 (1.20)
0.018 (0.46)
Junction Temperature
TJ
150
O C
Collector Power Dissipation
BC856W-G
BC858W-G
BC857W-G
BC856W-G
BC858W-G
BC857W-G
-0.1
-1.BASE
-2.EMITTER
-3.COLLECTOR
TSTG
-65 to +150
O C
-Ideally suited for automatic insertion
-For Switching and AF Amplifier Applications
Maximum Ratings (at Ta=25°C unless otherwise noted)
Comchip Technology CO., LTD.
Page 1
REV:B
QW-BTR36
Company reserves the right to improve product design , functions and reliability without notice.


Similar Part No. - BC856AW-G

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BC856AW-7 DIODES-BC856AW-7 Datasheet
47Kb / 2P
PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS30251 Rev. A-2
BC856AW-7-F DIODES-BC856AW-7-F Datasheet
367Kb / 3P
PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS30251 Rev. 7 - 2
logo
Comchip Technology
BC856AW-HF COMCHIP-BC856AW-HF Datasheet
502Kb / 5P
General Purpose Transistor
REV:A
logo
Nexperia B.V. All right...
BC856AW-Q NEXPERIA-BC856AW-Q Datasheet
229Kb / 13P
65 V, 100 mA PNP general-purpose transistors
Rev. 1 - 24 June 2021
More results

Similar Description - BC856AW-G

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD444104 SENSITRON-SHD444104 Datasheet
155Kb / 2P
SMALL SIGNAL TRANSISTOR
logo
Isahaya Electronics Cor...
2SC4258 ISAHAYA-2SC4258 Datasheet
316Kb / 6P
SMALL-SIGNAL TRANSISTOR
2SC3581 ISAHAYA-2SC3581 Datasheet
121Kb / 3P
SMALL-SIGNAL TRANSISTOR
2SC5974A ISAHAYA-2SC5974A Datasheet
78Kb / 4P
SMALL-SIGNAL TRANSISTOR
2SC5974B ISAHAYA-2SC5974B Datasheet
78Kb / 4P
SMALL-SIGNAL TRANSISTOR
ISA1989AU1 ISAHAYA-ISA1989AU1 Datasheet
139Kb / 3P
SMALL-SIGNAL TRANSISTOR
ISA1530AC1 ISAHAYA-ISA1530AC1 Datasheet
115Kb / 3P
SMALL-SIGNAL TRANSISTOR
RT1N137P ISAHAYA-RT1N137P Datasheet
146Kb / 3P
SMALL-SIGNAL TRANSISTOR
logo
Guangdong Kexin Industr...
2SC5214 KEXIN-2SC5214 Datasheet
51Kb / 1P
Small Signal Transistor
FMMT5089 KEXIN-FMMT5089 Datasheet
35Kb / 1P
Small Signal Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com