Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC856AW-G Datasheet(PDF) 3 Page - Comchip Technology

Part # BC856AW-G
Description  Small Signal Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

BC856AW-G Datasheet(HTML) 3 Page - Comchip Technology

  BC856AW-G Datasheet HTML 1Page - Comchip Technology BC856AW-G Datasheet HTML 2Page - Comchip Technology BC856AW-G Datasheet HTML 3Page - Comchip Technology BC856AW-G Datasheet HTML 4Page - Comchip Technology BC856AW-G Datasheet HTML 5Page - Comchip Technology BC856AW-G Datasheet HTML 6Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Electrical Characteristic Curves (BC856AW-G Thru. BC858CW-G)
-400
-1200
Comchip Technology CO., LTD.
Page 3
REV:B
-10
-10
-200
-1
-800
Small Signal Transistor
QW-BTR36
IC (mA)
-600
-1000
0
-2
-10-1
-102
-10
3
Tam
b=-5
5°C
Tam
b=2
5°C
Tam
b=
150
°C
BC857AW;VCE= -5V
Fig.2- Base-Emitter Voltage as a function
of collector current;typical values
-400
-1200
-10
-10
-200
-1
-800
IC (mA)
-600
-1000
0
-1
-10
2
-10
3
BC857AW;IC/IB= 20
Tam
b=-5
5°C
Tam
b=25
°C
Tam
b=15
0°C
Fig.4- Base-emitter saturation voltage
as a function of collector current;
typical values
200
500
100
400
IC (mA)
300
0
Fig.1- DC current gain as a function fo
collector current ;typical values.
-10
-10
-1
-2
-10-1
-102
-10
3
BC857AW;VCE= -5V
Tamb=150°C
Tamb=25°C
Tamb=-55°C
-10
-10
-1
IC (mA)
-1
-10
2
-10
3
Fig.3- Collector-emitter saturation voltage
as a function of collector current;
typical values.
-104
-103
-102
-10
Tamb=25°C
Tamb=-55°C
Tamb=150°C
BC857AW;IC/IB= 20
Fig.6- Base-emitter voltage as a function
-400
-1200
-10
-10
-200
-1
-800
IC (mA)
-600
-1000
0
-2
-10-1
-102
-10
3
Tam
b=-5
5°C
Tam
b=2
5°C
Tam
b=
150
°C
BC857BW;VCE=-5V
of collector current;typical values.
400
1000
200
800
IC (mA)
600
0
Fig.5- DC current gain as a function fo
collector current ;typical values.
-10
-10
-1
-2
-10-1
-102
-10
3
BC857BW;VCE= -5V
Tamb=150°C
Tamb=25°C
Tamb=-55°C
Company reserves the right to improve product design , functions and reliability without notice.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com