Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6829 Datasheet(PDF) 16 Page - Sipex Corporation

Part # SP6829
Description  3V Low Power Voltage Inverters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6829 Datasheet(HTML) 16 Page - Sipex Corporation

Back Button SP6829 Datasheet HTML 9Page - Sipex Corporation SP6829 Datasheet HTML 10Page - Sipex Corporation SP6829 Datasheet HTML 11Page - Sipex Corporation SP6829 Datasheet HTML 12Page - Sipex Corporation SP6829 Datasheet HTML 13Page - Sipex Corporation SP6829 Datasheet HTML 14Page - Sipex Corporation SP6829 Datasheet HTML 15Page - Sipex Corporation SP6829 Datasheet HTML 16Page - Sipex Corporation SP6829 Datasheet HTML 17Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
16
SP6828DS/11
SP6828/6829 +3V Low Power Voltage Inverter
© Copyright 2000 Sipex Corporation
PACKAGE: SOT23-5
SYMBOL
A
A1
A2
b
C
D
E
E1
L
e
e1
a
1.45
0.15
1.30
0.50
0.20
3.10
3.00
1.75
0.55
10O
0.90
0.00
0.90
0.25
0.09
2.80
2.60
1.50
0.35
0O
MIN
MAX
0.95ref
1.90ref
E
A
e
C
L
b
e1
D
C
L
A2
A1
A
A
.10
C
L
E1
L 2
0.20
DATUM 'A
'
C
a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com