Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6829 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP6829
Description  3V Low Power Voltage Inverters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6829 Datasheet(HTML) 4 Page - Sipex Corporation

  SP6829 Datasheet HTML 1Page - Sipex Corporation SP6829 Datasheet HTML 2Page - Sipex Corporation SP6829 Datasheet HTML 3Page - Sipex Corporation SP6829 Datasheet HTML 4Page - Sipex Corporation SP6829 Datasheet HTML 5Page - Sipex Corporation SP6829 Datasheet HTML 6Page - Sipex Corporation SP6829 Datasheet HTML 7Page - Sipex Corporation SP6829 Datasheet HTML 8Page - Sipex Corporation SP6829 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
SP6828DS/11
SP6828/6829 +3V Low Power Voltage Inverter
© Copyright 2000 Sipex Corporation
PIN ASSIGNMENTS
Pin 1— V
OUT — Inverting charge pump output.
Pin 2 — V
IN — Input to the positive power
supply.
Pin 3 — C1- — Negative terminal to the charge
pump capacitor.
Pin 4 — GND — Ground reference.
Pin 5 — C1+ — Positive terminal to the charge
pump capacitor.
PINOUT
C1-
VOUT
VIN
C1+
GND
SP6828
SP6829
5
3
2
1
4
Figure 1. Output Resistance vs. Supply Voltage
Figure 2. Output Resistance vs. Temperature
TYPICAL PERFORMANCE CHARACTERISTICS
V
IN = +3.3V, C1 = C2 = C3 = 10µF for SP6828, C1 = C2 = C3 = 3.3µF for SP6829, and TAMB = 25
oC unless
otherwise noted. The SP6828/6829 devices use the circuit found in
Figure 19 when obtaining the following typical
performance characteristics (unless otherwise noted).
60
50
40
30
20
10
0
1.5 2.0
2.5
3.0
3.5
4.0
VIN (V)
70
65
60
55
50
45
40
35
30
25
20
-60 -40 -20
0
20 40
Temperature (
oC)
60 80 100
VIN = 1.5V
VIN = 3.3V
VIN = 4.2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com