Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6829 Datasheet(PDF) 17 Page - Sipex Corporation

Part # SP6829
Description  3V Low Power Voltage Inverters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6829 Datasheet(HTML) 17 Page - Sipex Corporation

Back Button SP6829 Datasheet HTML 9Page - Sipex Corporation SP6829 Datasheet HTML 10Page - Sipex Corporation SP6829 Datasheet HTML 11Page - Sipex Corporation SP6829 Datasheet HTML 12Page - Sipex Corporation SP6829 Datasheet HTML 13Page - Sipex Corporation SP6829 Datasheet HTML 14Page - Sipex Corporation SP6829 Datasheet HTML 15Page - Sipex Corporation SP6829 Datasheet HTML 16Page - Sipex Corporation SP6829 Datasheet HTML 17Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
17
SP6828DS/11
SP6828/6829 +3V Low Power Voltage Inverter
© Copyright 2000 Sipex Corporation
ORDERING INFORMATION
Model
Temperature Range
Package Type
SP6828EK . ............................................ -40˚C to +85˚C ............................................... SOT23-5
SP6828-5EK ........................................... -40˚C to +85˚C ............................................... SOT23-5
SP6828EK/TR ......................................... -40˚C to +85˚C ............................................... SOT23-5
SP6828-5EK/TR ..................................... -40˚C to +85˚C ............................................... SOT23-5
SP6829EK . ............................................ -40˚C to +85˚C ............................................... SOT23-5
SP6829EK/TR ......................................... -40˚C to +85˚C ............................................... SOT23-5
Corporation
SIGNAL PROCESSING EXCELLENCE
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the
application or use of any product or circuit described hereing; neither does it convey any license under its patent rights nor the rights of others.
Please consult the factory for pricing and availability on a Tape-On-Reel option.
Sipex Corporation
Headquarters and
Sales Office
22 Linnell Circle
Billerica, MA 01821
TEL: (978) 667-8700
FAX: (978) 670-9001
e-mail: sales@sipex.com
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com