Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6829 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP6829
Description  3V Low Power Voltage Inverters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6829 Datasheet(HTML) 1 Page - Sipex Corporation

  SP6829 Datasheet HTML 1Page - Sipex Corporation SP6829 Datasheet HTML 2Page - Sipex Corporation SP6829 Datasheet HTML 3Page - Sipex Corporation SP6829 Datasheet HTML 4Page - Sipex Corporation SP6829 Datasheet HTML 5Page - Sipex Corporation SP6829 Datasheet HTML 6Page - Sipex Corporation SP6829 Datasheet HTML 7Page - Sipex Corporation SP6829 Datasheet HTML 8Page - Sipex Corporation SP6829 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
SP6828DS/11
SP6828/6829 +3V Low Power Voltage Inverter
© Copyright 2000 Sipex Corporation
s 99.9% Voltage Conversion Efficiency
s +1.15V to +4.2V Input Voltage Range
s +1.15 V
IN Guaranteed Start-up
s Inverts Input Supply Voltage
s 20
µA Quiescent Current for the SP6828
s 40
µA Quiescent Current for the SP6829
s 25mA Output Current
s 12kHz Operating Frequency for the SP6828
s 35kHz Operating Frequency for the SP6829
s Ideal for +3.6V Lithium Ion Battery
Applications
s Reverse +3.6V Lithium Ion Battery
Protection
s 5-pin SOT23 Package
+3V Low Power Voltage Inverters
SP6828/6829
DESCRIPTION
The SP6828/6829 devices are CMOS Charge Pump Voltage Inverters that can be
implemented in designs requiring a negative voltage from a +3V battery source. The SP6828/
6829 devices are ideal for both battery-powered and board level voltage conversion
applications with a typical operating current of 20
µA for the SP6828 and 40µA for the SP6829.
Both devices can output 25mA with a voltage drop of 500mV. These devices combine a low
quiescent current with high efficiency (>95% over most of its load-current range), which is ideal
for designs using +3.3V or +3.6V lithium ion batteries. Applications include cell phones, PDAs,
medical instruments and other portable equipment. The SP6828/6829 devices are available in
a space-saving 5-pin SOT23 Package.
C1-
VOUT
VIN
C1+
GND
SP6828
SP6829
5
3
2
1
4
®


Similar Part No. - SP6829

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6829EK SIPEX-SP6829EK Datasheet
258Kb / 17P
3V Low Power Voltage Inverters
SP6829TR SIPEX-SP6829TR Datasheet
258Kb / 17P
3V Low Power Voltage Inverters
More results

Similar Description - SP6829

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS3V555 STMICROELECTRONICS-TS3V555 Datasheet
74Kb / 8P
3V LOW POWER SINGLE TIMERS
Oct-1997
TS3V556 STMICROELECTRONICS-TS3V556 Datasheet
63Kb / 8P
3V LOW POWER DUAL TIMERS
May-2000
logo
Sipex Corporation
SP6828 SIPEX-SP6828 Datasheet
258Kb / 17P
3V Low Power Voltage Inverters
logo
Linear Technology
LTC1550 LINER-LTC1550 Datasheet
319Kb / 12P
Low Noise, Switched Capacitor Regulated Voltage Inverters
LTC1550L LINER-LTC1550L Datasheet
271Kb / 12P
Low Noise, Switched Capacitor Regulated Voltage Inverters
logo
Sipex Corporation
SP6830 SIPEX-SP6830 Datasheet
208Kb / 16P
Low Power Voltage Inverters With Shutdown
logo
Linear Technology
LTC1550L LINER-LTC1550L_15 Datasheet
248Kb / 12P
Low Noise, Switched Capacitor Regulated Voltage Inverters
LTC1551L LINER-LTC1551L_15 Datasheet
248Kb / 12P
Low Noise, Switched Capacitor Regulated Voltage Inverters
LTC1550 LINER-LTC1550_15 Datasheet
298Kb / 12P
Low Noise, Switched Capacitor Regulated Voltage Inverters
LTC1551 LINER-LTC1551_15 Datasheet
298Kb / 12P
Low Noise, Switched Capacitor Regulated Voltage Inverters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com