Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MUSES02 Datasheet(PDF) 2 Page - New Japan Radio

Part # MUSES02
Description  High Quality Audio, Bipolar Input, Dual Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

MUSES02 Datasheet(HTML) 2 Page - New Japan Radio

  MUSES02 Datasheet HTML 1Page - New Japan Radio MUSES02 Datasheet HTML 2Page - New Japan Radio MUSES02 Datasheet HTML 3Page - New Japan Radio MUSES02 Datasheet HTML 4Page - New Japan Radio MUSES02 Datasheet HTML 5Page - New Japan Radio MUSES02 Datasheet HTML 6Page - New Japan Radio MUSES02 Datasheet HTML 7Page - New Japan Radio MUSES02 Datasheet HTML 8Page - New Japan Radio MUSES02 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MUSES02
- 2 -
Ver.2015-04-13
ABSOLUTE MAXIMUM RATINGS (Ta=25°C)
PARAMETER
SYMBOL
RATING
UNIT
Supply Voltage
V
+/V-
18
V
Common Mode Input Voltage
VICM
15 (Note1)
V
Differential Input Voltage
VID
30
V
Power Dissipation
PD
910
mW
Output Current
IO
50
mA
Operating Temperature Range
Topr
-40 to +85
°C
Storage Temperature Range
Tstg
-50 to +150
°C
(Note1) For supply Voltages less than
15 V, the maximum input voltage is equal to the Supply Voltage.
RECOMMENDED OPERATING CONDITION (Ta=25°C)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Supply Voltage
V
+/V-
-
3.5
-
16
V
ELECTRIC CHARACTERISTICS
DC CHARACTERISTICS (V+/V-=
15V, Ta=25°C unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Operating Current
Icc
No Signal, RL=∞
-
8.0
12.0
mA
Input Offset Voltage
VIO
Rs
10k (Note2)
-
0.3
3.0
mV
Input Bias Current
IB
(Note2, 3)
-
100
500
nA
Input Offset Current
IIO
(Note2, 3)
-
5
200
nA
Voltage Gain
AV
RL≥2kΩ, Vo=10V
Rs
10k
90
110
-
dB
Common Mode Rejection Ratio
CMR
VICM=12V (Note4)
Rs
10k
80
110
-
dB
Supply Voltage Rejection Ratio
SVR
V
+/V-=3.5 to 16.0V
Rs
10k
(Note2, 5)
80
110
-
dB
Max Output Voltage
VOM
RL=2kΩ
12
13.5
-
V
Input Common Mode Voltage
Range
VICM
CMR≥80dB
12
13.5
-
V
(Note2) Measured at VICM=0V
(Note3) Written by the absolute rate.
(Note4) CMR is calculated by specified change in offset voltage. (VICM=0V to +12V and VICM=0V to −12V)
(Note5) SVR is calculated by specified change in offset voltage. (V+/V−=±3.5V to ±16V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com