Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MUSES02 Datasheet(PDF) 5 Page - New Japan Radio

Part # MUSES02
Description  High Quality Audio, Bipolar Input, Dual Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

MUSES02 Datasheet(HTML) 5 Page - New Japan Radio

  MUSES02 Datasheet HTML 1Page - New Japan Radio MUSES02 Datasheet HTML 2Page - New Japan Radio MUSES02 Datasheet HTML 3Page - New Japan Radio MUSES02 Datasheet HTML 4Page - New Japan Radio MUSES02 Datasheet HTML 5Page - New Japan Radio MUSES02 Datasheet HTML 6Page - New Japan Radio MUSES02 Datasheet HTML 7Page - New Japan Radio MUSES02 Datasheet HTML 8Page - New Japan Radio MUSES02 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MUSES02
- 5 -
Ver.2015-04-13
TYPICAL CHARACTERISTICS
Equivalent Input Voltage Noise vs.
Frequency
V
+/V-=±16V,A
V=+100,RS=100Ω,RL=,Ta=25ºC
0
5
10
15
20
1
10
100
1,000
10,000
Frequency [Hz]
Equivalent Input Voltage Noise vs.
Frequency
V
+/V-=±15V,A
V=+100,RS=100Ω,RL=,Ta=25ºC
0
5
10
15
20
1
10
100
1,000
10,000
Frequency [Hz]
Equivalent Input Voltage Noise vs.
Frequency
V
+/V-=±3.5V,A
V=+100,RS=100Ω,RL=,Ta=25ºC
0
5
10
15
20
1
10
100
1,000
10,000
Frequency [Hz]
0.0001
0.001
0.01
0.1
1
10
0.01
0.1
1
10
Output Amplitude [Vrms]
Total Harmonic Distortion + Noise
vs. Output Amplitude (Frequency)
V
+/V-=±16V,Av=+10, R
G=1k,RF=9.1k, RL=2k,Ta=25ºC
20Hz
20kHz
100Hz
1kHz
0.0001
0.001
0.01
0.1
1
10
0.01
0.1
1
10
Output Amplitude [Vrms]
Total Harmonic Distortion + Noise
vs. Output Amplitude (Frequency)
V
+/V-=±15V,Av=+10, R
G=1k,RF=9.1k, RL=2k,Ta=25ºC
20Hz
20kHz
100Hz
1kHz
0.0001
0.001
0.01
0.1
1
10
0.01
0.1
1
10
Output Amplitude [Vrms]
Total Harmonic Distortion + Noise
vs. Output Amplitude (Frequency)
V
+/V-=±3.5V,Av=+10, R
G=1k,RF=9.1k, RL=2k,Ta=25ºC
20Hz
20kHz
100Hz
1kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com