Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MUSES02 Datasheet(PDF) 7 Page - New Japan Radio

Part # MUSES02
Description  High Quality Audio, Bipolar Input, Dual Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

MUSES02 Datasheet(HTML) 7 Page - New Japan Radio

Back Button MUSES02 Datasheet HTML 3Page - New Japan Radio MUSES02 Datasheet HTML 4Page - New Japan Radio MUSES02 Datasheet HTML 5Page - New Japan Radio MUSES02 Datasheet HTML 6Page - New Japan Radio MUSES02 Datasheet HTML 7Page - New Japan Radio MUSES02 Datasheet HTML 8Page - New Japan Radio MUSES02 Datasheet HTML 9Page - New Japan Radio MUSES02 Datasheet HTML 10Page - New Japan Radio MUSES02 Datasheet HTML 11Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MUSES02
- 7 -
Ver.2015-04-13
Transient Response (Temperature)
V+/V-=±16V,VIN=2VP-P,f=100kHz
PulseEdge=10nsec,Gv=0dB,CL=10p,RL=2k
-2
-1
0
1
2
3
4
5
6
-2
-1
0
1
2
3
45
67
89
Time [μsec]
-6
-5
-4
-3
-2
-1
0
1
2
Input Voltage
Output Voltage
85°C
Ta=25°C
-40°C
Transient Response (Temperature)
V
+/V-=±15V,V
IN=2VP-P,f=100kHz
PulseEdge=10nsec,Gv=0dB,CL=10p,RL=2k
-2
-1
0
1
2
3
4
5
6
-2
-1
01
234
56
78
9
Time [μsec]
-6
-5
-4
-3
-2
-1
0
1
2
Input Voltage
Output Voltage
85°C
Ta=25°C
-40°C
Transient Response (Temperature)
V
+/V-=±3.5V,V
IN=2VP-P,f=100kHz
PulseEdge=10nsec,Gv=0dB,CL=10p,RL=2k
-2
-1
0
1
2
3
4
5
6
-2
-1
01
234
56
78
9
Time [μsec]
-6
-5
-4
-3
-2
-1
0
1
2
Input Voltage
Output Voltage
85°C
Ta=25°C
-40°C
Slew Rate vs. Temperature
V
+/V-=±3.5V,V
IN=2VP-P,f=100kHz
PulseEdge=10nsec,Gv=0dB,CL=10p,RL=2k
0
1
2
3
4
5
6
-50
-25
0
25
50
75
100
125
150
Temperature [°C]
Rise
Fall
Slew Rate vs. Temperature
V
+/V-=±15V,V
IN=2VP-P,f=100kHz
PulseEdge=10nsec,Gv=0dB,CL=10p,RL=2k
0
1
2
3
4
5
6
-50
-25
0
25
50
75
100
125
150
Temperature [°C]
Rise
Fall
Slew Rate vs. Temperature
V
+/V-=±16V,V
IN=2VP-P,f=100kHz
PulseEdge=10nsec,Gv=0dB,CL=10p,RL=2k
0
1
2
3
4
5
6
-50
-25
0
25
50
75
100
125
150
Temperature [°C]
Rise
Fall



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com