Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MUSES02 Datasheet(PDF) 1 Page - New Japan Radio

Part # MUSES02
Description  High Quality Audio, Bipolar Input, Dual Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

MUSES02 Datasheet(HTML) 1 Page - New Japan Radio

  MUSES02 Datasheet HTML 1Page - New Japan Radio MUSES02 Datasheet HTML 2Page - New Japan Radio MUSES02 Datasheet HTML 3Page - New Japan Radio MUSES02 Datasheet HTML 4Page - New Japan Radio MUSES02 Datasheet HTML 5Page - New Japan Radio MUSES02 Datasheet HTML 6Page - New Japan Radio MUSES02 Datasheet HTML 7Page - New Japan Radio MUSES02 Datasheet HTML 8Page - New Japan Radio MUSES02 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MUSES02
- 1 -
Ver.2015-04-13
High Quality Audio, Bipolar Input,
Dual Operational Amplifier
The MUSES02 is a dual bipolar input high quality audio operational amplifier, which is optimized for high-end audio and
professional audio applications with advanced circuitry and layout, unique material and assembled technology by
skilled-craftwork.
It is the best for audio preamplifiers, active filters, and line amplifiers with excellent sound.
FEATURES
●Operating Voltage
Vopr =
3.5V to 16V
●Output noise
4.5nV/√Hz at f=1kHz
●Input Offset Voltage
0.3mV typ. 3mV max.
●Input Bias Current
100nA typ. 500nA max. at Ta=25°C
●Voltage Gain
110dB typ.
●Slew Rate
5V/
s typ.
●Bipolar Technology
●Package Outline
DIP8
PIN CONFIGURATION
PACKAGE OUTLINE
MUSES and this logo are trademarks of New Japan Radio Co., Ltd.
+
1
2
3
4
8
7
6
5
-
-
+
PIN FUNCTION
1. A OUTPUT
2. A -INPUT
3. A +INPUT
4. V-
5. B +INPUT
6. B -INPUT
7. B OUTPUT
8.V+
MUSES02


Similar Part No. - MUSES02

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
MUSES02 NISSHINBO-MUSES02 Datasheet
695Kb / 12P
High Quality Audio, Bipolar Input, Dual Operational Amplifier
20250319
More results

Similar Description - MUSES02

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
MUSES01 NJRC-MUSES01 Datasheet
528Kb / 12P
High Quality Audio , J-FET Input, Dual Operational Amplifier
logo
Texas Instruments
OPA1612-Q1 TI1-OPA1612-Q1 Datasheet
1Mb / 31P
SoundPlus High-Performance, Bipolar-Input Audio Operational Amplifier
OPA1622 TI1-OPA1622 Datasheet
2Mb / 36P
High-Fidelity, Bipolar-Input, Audio Operational Amplifier
logo
New Japan Radio
MUSES01 NJRC-MUSES01_15 Datasheet
469Kb / 12P
High Quality Audio , J-FET Input, Dual Operational Amplifier
MUSES8920 NJRC-MUSES8920 Datasheet
309Kb / 8P
High Quality Audio J-FET Input Dual Operational Amplifier
MUSE02 NJRC-MUSE02 Datasheet
397Kb / 12P
High Quality Audio, Bipolar Input, Dual Operational Amplifier
MUSES8820 NJRC-MUSES8820 Datasheet
424Kb / 12P
High Quality Audio Dual Operational Amplifier
Ver.2013-12-06
NJM4585 NJRC-NJM4585 Datasheet
847Kb / 6P
Low Noise, Bipolar Input Dual, Audio Operational amplifier
Ver.00
NJM8068 NJRC-NJM8068 Datasheet
1Mb / 14P
LOW NOISE, BIPOLAR INPUT DUAL AUDIO OPERATIONAL AMPLIFIER
Ver.3.1
NJM8801 NJRC-NJM8801 Datasheet
416Kb / 7P
High Quality Audio Dual Operational Amplifier
Ver.2014-11-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com