Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC136 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC136
Description  GaAs MMIC BI-PHASE MODULATOR, 4 - 8 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC136 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC136 Datasheet HTML 1Page - Hittite Microwave Corporation HMC136 Datasheet HTML 2Page - Hittite Microwave Corporation HMC136 Datasheet HTML 3Page - Hittite Microwave Corporation HMC136 Datasheet HTML 4Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MICROWAVE CORPORATION
6 - 7
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
6
-20
-15
-10
-5
0
34
5
678
9
FREQUENCY (GHz)
-2
-1
0
1
2
345
67
8
9
FREQUENCY (GHz)
-10
-8
-6
-4
-2
0
2
4
6
8
10
34
5
6
7
8
9
FREQUENCY (GHz)
0
10
20
30
40
50
4
5
678
CARRIER FREQUENCY (GHz)
-20
-15
-10
-5
0
01
234567
8
9
10
FREQUENCY (GHz)
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER 17 - 25 GHz
HMC136
Return Loss
GaAs MMIC BI-PHASE
MODULATOR, 4 - 8 GHz
v01.0300
Insertion Loss
Amplitude Balance
Phase Balance
Carrier Suppression *
* (For 1.4 Vp-p Square Wave Modulation at 1 MHz)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com