Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC136 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC136
Description  GaAs MMIC BI-PHASE MODULATOR, 4 - 8 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC136 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC136 Datasheet HTML 1Page - Hittite Microwave Corporation HMC136 Datasheet HTML 2Page - Hittite Microwave Corporation HMC136 Datasheet HTML 3Page - Hittite Microwave Corporation HMC136 Datasheet HTML 4Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MICROWAVE CORPORATION
6 - 6
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
6
HMC136
GaAs MMIC BI-PHASE
MODULATOR, 4 - 8 GHz
v01.0300
General Description
Features
Functional Diagram
Chip Integrates Directly into MIC Designs
30 dB of Carrier Suppression
Direct Modulation in the 4 - 8 GHz Band
Functions also as a Phase Detector
Electrical Specifications, T
A = +25° C, 5 mA Bias Current
Typical Applications
The HMC136 is suitable for:
• Wireless Local Loop
• LMDS & VSAT
• Pt. to Pt. Radios
• Test Equipment
The HMC136 Bi-Phase Modulator is designed to
phase-modulate an RF signal into reference and 180
degree states. Device input is at the RF port and output
is at the LO port. The polarity of the bias current at the
control port (IF port) defines the phase states. Excellent
amplitude and phase balance provided by closely
matched monolithic balun and diode circuits delivers
30 dB of carrier suppression in a tiny monolithic chip.
The device also functions as a demodulator or
phase comparator. As a demodulator, data emerges
at the control port when a modulated signal at the
RF port is compared to a reference signal at the
LO port. As a phase comparator, the phase angle
between two signals applied to the RF and LO ports
is represented by an analog voltage at the control port.
Except for carrier suppression, the data presented
here was measured under static conditions in which
a DC bias current (nominally 5 mA) is applied to the
control port.
Parameter
Min.
Typ.
Max.
Units
Frequency Band
4 - 8
GHz
Insertion Loss
810
dB
Return Loss, RF and LO Ports
2.5
3.0
dB
Amplitude Balance
0.1
0.5
dB
Phase Balance
4.0
6.0
deg
Carrier Supression (When driven with a 1 MHz square wave, 1.4 Vp-p)
25
30
dBc
Input Power for 1 dB Compression
4
8
dBm
Third Order Intercept, Input
10
15
dBm
Second Order Intercept, Input
25
35
dBm
Bias Current (Bias current forward biases internal Schottky diodes providing approximately 0.6 V
at the control port).
2
5
10
mA


Similar Part No. - HMC136

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC136 HITTITE-HMC136 Datasheet
450Kb / 6P
GaAs MMIC BI-PHASE MODULATOR, 4 - 8 GHz
HMC136 HITTITE-HMC136 Datasheet
450Kb / 6P
GaAs MMIC BI-PHASE MODULATOR, 4 - 8 GHz
logo
Micross Components
HMC136 MICROSS-HMC136 Datasheet
1Mb / 9P
Direct Modulation in the 4 - 8 GHz Band
logo
Hittite Microwave Corpo...
HMC136 HITTITE-HMC136_07 Datasheet
450Kb / 6P
GaAs MMIC BI-PHASE MODULATOR, 4 - 8 GHz
HMC136 HITTITE-HMC136_09 Datasheet
450Kb / 6P
GaAs MMIC BI-PHASE MODULATOR, 4 - 8 GHz
More results

Similar Description - HMC136

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC135 HITTITE-HMC135 Datasheet
122Kb / 4P
GaAs MMIC BI-PHASE MODULATOR, 1.8 - 5.2 GHz
HMC137 HITTITE-HMC137 Datasheet
126Kb / 4P
GaAs MMIC BI-PHASE MODULATOR, 6 - 11 GHz
logo
List of Unclassifed Man...
DBP0738 ETC1-DBP0738 Datasheet
27Kb / 1P
GaAs Bi-Phase Modulator
DPMB9058 ETC1-DPMB9058 Datasheet
31Kb / 1P
GaAs Bi-Phase Modulator
logo
Hittite Microwave Corpo...
HMC135 HITTITE-HMC135_07 Datasheet
452Kb / 6P
GaAs MMIC BI-PHASE MODULATOR, 1.8 - 5.2 GHz
HMC136 HITTITE-HMC136_07 Datasheet
450Kb / 6P
GaAs MMIC BI-PHASE MODULATOR, 4 - 8 GHz
HMC137 HITTITE-HMC137_07 Datasheet
458Kb / 6P
GaAs MMIC BI-PHASE MODULATOR, 6 - 11 GHz
HMC135 HITTITE-HMC135_09 Datasheet
451Kb / 6P
GaAs MMIC BI-PHASE MODULATOR, 1.8 - 5.2 GHz
HMC136 HITTITE-HMC136_09 Datasheet
450Kb / 6P
GaAs MMIC BI-PHASE MODULATOR, 4 - 8 GHz
HMC137 HITTITE-HMC137_09 Datasheet
458Kb / 6P
GaAs MMIC BI-PHASE MODULATOR, 6 - 11 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com