Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC136 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC136
Description  GaAs MMIC BI-PHASE MODULATOR, 4 - 8 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC136 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC136 Datasheet HTML 1Page - Hittite Microwave Corporation HMC136 Datasheet HTML 2Page - Hittite Microwave Corporation HMC136 Datasheet HTML 3Page - Hittite Microwave Corporation HMC136 Datasheet HTML 4Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MICROWAVE CORPORATION
6 - 9
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
6
HMC136
GaAs MMIC BI-PHASE
MODULATOR, 4 - 8 GHz
v01.0300
Outline Drawing
Suggested TTL Driver for a Bi-Phase Modulator
Notes
1. V
AAlternates Between
+ 2.4 V
dc
± I
A = 2.4 - 0.6 = ± 5 mA
360 Ohm
2. HCT04 and HC04 are QMOS HEX
Inverters.
*R
1 =300 to 620 ± 2% Select R1 To
Supply ±3 to ±6 mA to the IF Port.
2.2K
TTL
VCC
GND
GND
VCC
HCT04
HC04
.01 uF
.01 uF
-2.5 Vdc
+2.5 Vdc
+5 Vdc
*R 1
MODULATOR
I, Q PORTS
HITTITE
MODULATOR
VA
IA
V Z = 2V
0.6V
NOTES:
1. ALL DIMENSIONS ARE IN INCHES [MM].
2. TYPICAL BOND PAD IS .004” SQUARE.
3. BOND PAD SPACING IS .006” CENTER
TO CENTER.
4. BACKSIDE METALIZATION: GOLD.
5. BACKSIDE METAL IS GROUND.
6. BOND PAD METALIZATION: GOLD.
7. CONNECTION NOT REQUIRED FOR
UNLABELED BOND PADS.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com