Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC136 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC136
Description  GaAs MMIC BI-PHASE MODULATOR, 4 - 8 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC136 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC136 Datasheet HTML 1Page - Hittite Microwave Corporation HMC136 Datasheet HTML 2Page - Hittite Microwave Corporation HMC136 Datasheet HTML 3Page - Hittite Microwave Corporation HMC136 Datasheet HTML 4Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MICROWAVE CORPORATION
6 - 8
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
6
Compression vs Frequency *
Compression vs Bias at 6 GHz
HMC136
GaAs MMIC BI-PHASE
MODULATOR, 4 - 8 GHz
v01.0300
Third Order Intercept vs Frequency *
Third Order Intercept vs Bias at 6 GHz
* (For 5 mA Bias Current)
0
2
4
6
8
10
12
45
67
8
CARRIER FREQUENCY (GHz)
0
2
4
6
8
10
12
14
0
1
2
345
6
7
8
910
BIAS CURRENT (mA)
CARRIER FREQUENCY (GHz)
0
5
10
15
20
25
0123
4
567
8
9
10
BIAS CURRENT (mA)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com