Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS22981RGPR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22981RGPR
Description  Thunderbolt Power Mux
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22981RGPR Datasheet(HTML) 4 Page - Texas Instruments

  TPS22981RGPR Datasheet HTML 1Page - Texas Instruments TPS22981RGPR Datasheet HTML 2Page - Texas Instruments TPS22981RGPR Datasheet HTML 3Page - Texas Instruments TPS22981RGPR Datasheet HTML 4Page - Texas Instruments TPS22981RGPR Datasheet HTML 5Page - Texas Instruments TPS22981RGPR Datasheet HTML 6Page - Texas Instruments TPS22981RGPR Datasheet HTML 7Page - Texas Instruments TPS22981RGPR Datasheet HTML 8Page - Texas Instruments TPS22981RGPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
TPS22981
SLVSBM6B – DECEMBER 2012 – REVISED NOVEMBER 2015
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Input voltage on V3P3 (VDD)(2)
–0.3
3.6
Input voltage on EN, HV_EN, ENHVU, ISET_V3P3, ISET_S0, ISET_S3, S0 (2)
–0.3
V3P3 + 0.3
Output voltage on FAULTZ
–0.3
V3P3 + 0.3
VI
Input voltage on VHV(2)
–0.3
20
V
Output voltage at OUT(2)
–0.3
20
Voltage between VHV and OUT (VVHV – VOUT)
–7
20
Output voltage at V3P3OUT(2)
–0.3
V3P3 + 0.3
TA
Operating ambient temperature(3)
–40
85
°C
TJ (MAX)
Maximum operating junction temperature
110
°C
Tstg
Storage temperature
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
(3)
In applications where high-power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may
have to be derated. Maximum ambient temperature [TA(max)] is dependent on the maximum operating junction temperature [TJ(max)],
the maximum power dissipation of the device in the application [PD(max)], and the junction-to-ambient thermal resistance of the
part/package in the application (
θJA), as given by the following equation: TA(max) = TJ(max) – (θJA × PD(max))
6.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
Electrostatic
V(ESD)
V
discharge
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±500
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
V3P3
3
3.6
V
Supply voltage
VHV
4.5
19.8
V
ILIM3P3OUT
V3P3OUT switch current
0
500
mA
V3P3 –
VIH
Input logic high
EN, HV_EN, ENHVU, S0
V3P3
V
0.6
VIL
Input logic low
EN, HV_EN, ENHVU, S0
0
0.6
V
RSET_V3P3
3.3-V switch current limit set resistance
26.7
402
k
Ω
RSET_S0
VHV switch current limit in S0 mode set resistance
26.7
402
k
Ω
RSET_S3
VHV switch current limit in S3 mode set resistance
26.7
402
k
Ω
RFAULTZ
FAULTZ pullup resistance to V3P3
30
k
Ω
4
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: TPS22981



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com