Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS22981RGPR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22981RGPR
Description  Thunderbolt Power Mux
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22981RGPR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS22981RGPR Datasheet HTML 7Page - Texas Instruments TPS22981RGPR Datasheet HTML 8Page - Texas Instruments TPS22981RGPR Datasheet HTML 9Page - Texas Instruments TPS22981RGPR Datasheet HTML 10Page - Texas Instruments TPS22981RGPR Datasheet HTML 11Page - Texas Instruments TPS22981RGPR Datasheet HTML 12Page - Texas Instruments TPS22981RGPR Datasheet HTML 13Page - Texas Instruments TPS22981RGPR Datasheet HTML 14Page - Texas Instruments TPS22981RGPR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
VOUT
Time
VHV
V3P3
t0-3.3V
t3.3V-VHV
tVHV-3.3V
t0-3.3V
t3P3OFF
TPS22981
www.ti.com
SLVSBM6B – DECEMBER 2012 – REVISED NOVEMBER 2015
Feature Description (continued)
Figure 5. Output Voltage Transitions (Timing Transitions are 10% to > 90%)
7.3.5 Digital Control Signals
The voltage at OUT is controlled by two input digital logic signals, EN and HV_EN. HV_EN controls the state of
the VHV switch and EN controls the state of V3P3 switch. Table 1 lists the possible output states given the
conditions of the digital logic signals and the device is not in UVLO. See Table 2 for a more complete description
including both UVLO conditions.
Table 1. Output State of OUT Given the States EN and HV_EN
EN
HV_EN
OUT
0
0
OPEN
0
1
OPEN
1
0
V3P3
1
1
VHV
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS22981



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com