Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS22981RGPR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22981RGPR
Description  Thunderbolt Power Mux
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22981RGPR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS22981RGPR Datasheet HTML 5Page - Texas Instruments TPS22981RGPR Datasheet HTML 6Page - Texas Instruments TPS22981RGPR Datasheet HTML 7Page - Texas Instruments TPS22981RGPR Datasheet HTML 8Page - Texas Instruments TPS22981RGPR Datasheet HTML 9Page - Texas Instruments TPS22981RGPR Datasheet HTML 10Page - Texas Instruments TPS22981RGPR Datasheet HTML 11Page - Texas Instruments TPS22981RGPR Datasheet HTML 12Page - Texas Instruments TPS22981RGPR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
R
SET_V3P3
R
SET_S3
R
SET_S0
ISET_S3
ISET_V3P3
ISET_S0
IREF_HV
IREF_V3P3
OUT
VHV
4.5 - 18V
3.3V
Switch
CTRL
Logic
TPS22981
www.ti.com
SLVSBM6B – DECEMBER 2012 – REVISED NOVEMBER 2015
7.3 Feature Description
7.3.1 Current Limit
Figure 1 shows a simplified view of the TPS22981 current limit function. Both the high-voltage supply current limit
and the V3P3 supply current limit are adjustable by external resistors.
Figure 1. Simplified Current Limit Diagram
The current IREF_HV and IREF_V3P3 that set the current limit threshold are set with three external resistors as shown
in Figure 2. When the TPS22981 is passing the V3P3 voltage, the current limit is set by RSET_V3P3. The VHV path
has two modes that allow setting two different current limits. The S0 pin determines which current limit is used.
When S0 is asserted high, RSET_S0 sets the current limit. When S0 is low, RSET_S3 sets the current limit. This
allows the system to have two separate VHV current limits for different modes such as active and sleep.
Figure 2. External RSET Resistance to Set Current Limits
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS22981



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com