Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS22981RGPR Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22981RGPR
Description  Thunderbolt Power Mux
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22981RGPR Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS22981RGPR Datasheet HTML 8Page - Texas Instruments TPS22981RGPR Datasheet HTML 9Page - Texas Instruments TPS22981RGPR Datasheet HTML 10Page - Texas Instruments TPS22981RGPR Datasheet HTML 11Page - Texas Instruments TPS22981RGPR Datasheet HTML 12Page - Texas Instruments TPS22981RGPR Datasheet HTML 13Page - Texas Instruments TPS22981RGPR Datasheet HTML 14Page - Texas Instruments TPS22981RGPR Datasheet HTML 15Page - Texas Instruments TPS22981RGPR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
Load
Current
Output
Voltage
t
OC Limit
tLIM delay
EN
HV_EN
V3P3
VHV
OUT
3.3V
VHV
Hi-Z
Hi-Z
3.3V
Hi-Z
IDIS
0mA
IDIS
TPS22981
SLVSBM6B – DECEMBER 2012 – REVISED NOVEMBER 2015
www.ti.com
Figure 6 shows possible combinations of EN and HV_EN controlling OUT of the TPS22981.
Figure 6. Logic Waveforms Displaying the Transition Between VHV and V3P3
7.3.6 Overcurrent Limit and Short-Circuit Protection
When the load at OUT attempts to draw more current than the limit set by the external RSET resistors for the
V3P3 switch and VHV switch (for both S0 and S3 modes), the device will operate in a constant-current mode
while lowering the output voltage. Figure 7 shows the delay, tLIM, which occurs from the instance an overcurrent
fault is detected until the output current is lowered to ILIMHV tolerances for VHV or ILIM3V3 tolerances for V3P3
shown in Figure 3. Figure 8 shows the response time versus a resistance shorted across the output.
Figure 7. Overcurrent Output Response
12
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: TPS22981



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com