Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6C10810LE Datasheet(PDF) 10 Page - Pericom Semiconductor Corporation

Part # PI6C10810LE
Description  1.2V-2.5V, 250MHz, 1:10 Networking Clock Buffer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C10810LE Datasheet(HTML) 10 Page - Pericom Semiconductor Corporation

Back Button PI6C10810LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C10810LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C10810LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C10810LE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C10810LE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C10810LE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C10810LE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C10810LE Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6C10810LE Datasheet HTML 10Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
PS9014A
02/23/11
PI6C10810
1.2V-2.5V, 250MHz, 1:10 Networking Clock Buffer
Ordering Information(1-3)
Ordering Code
Package Code
Package Type
PI6C10810LE
L
Pb-free&Green,20-pin173-milwideTSSOP
PI6C10810HE
H
Pb-free&Green,20-pin209-milwideSSOP
PI6C10810QE
Q
Pb-free&Green,20-pin150-milwideQSOP
Notes:
1. ThermalCharacteristicscanbefoundonthewebatwww.pericom.com/packaging/
2. E=Lead-freeandGreen
3. AddinganXsuffix=Tape/Reel
PericomSemiconductorCorporation•1-800-435-2336 •www.pericom.com
.337
.344
.053
.069
.004
.010
SEATING
PLANE
.025
BSC
.007
.010
.228
.244
.150
.157
1
20
X.XX
X.XX
DENOTES DIMENSIONS
IN MILLIMETERS
0.635
8.56
8.74
1.35
1.75
5.79
6.19
0.101
0.254
.008
.012
0.203
0.305
3.81
3.99
0.178
0.254
.058
1.47
.015 x 45˚
0.38
REF
Detail A
Detail A
.008
0.20
MIN.
Guage Plane
.010
0.254
.041
1.04
REF
.016
.035
0.41
0.89
0˚-6˚
.008
.013
0.20
0.33
DESCRIPTION: 20-Pin, 150-Mil Wide, QSOP
PACKAGE CODE: Q
DOCUMENT CONTROL NO.
PD - 1202
REVISION: H
DATE: 10/22/07
Note:
1) Controlling dimensions in inches.
2) Ref: JEDEC MO-137B/AD
3) Dimensions do not include mold flash, protrusions or gate burrs
Pericom Semiconductor Corporation
3545 N. 1st Street, San Jose, CA 95134
1-800-435-2335 • www.pericom.com
11-0015



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com