Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6C10810LE Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI6C10810LE
Description  1.2V-2.5V, 250MHz, 1:10 Networking Clock Buffer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C10810LE Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI6C10810LE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C10810LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C10810LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C10810LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C10810LE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C10810LE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C10810LE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C10810LE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C10810LE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
PS9014A
02/23/11
Pin Description
Pin Name
Description
BUF_IN
Input
CLK [0:9]
Outputs
GND
Ground
VDDA, VDDB, VDDC
Power (1.2V, 1.5V, 1.8V, 2.5V)
Pin Configuration
Block Diagram
Features
• High-speed,low-noise,non-invertingsplit1-10buffer
• MaximumFrequencyupto250MHz
• Lowoutputskew<60ps(BankA,2.5V)
• Lowdutycycledistortion<200ps
• Lowpropagationdelay<2.0ns(2.5V)
• Choiceof1.2V,1.5V,1.8Vor2.5VsupplyvoltageonBankA,
BankB,BankC
• Industrialtemperaturerange:–40°C to 85°C
• Packages(Pb-free&Green):20-pin,TSSOP(L20)
20-pin,SSOP(H20)
20-pin,QSOP(Q20)
1.2V-2.5V, 250MHz, 1:10 Networking Clock Buffer
PI6C10810
Description
The PI6C10810 is a 1.2V to 2.5V high-speed, low-noise
1-10 non-inverting clock buffer.The key goal in designing the
PI6C10810istotargetnetworkingapplicationsthatrequirelow-
skew,low-jitter,andhigh-frequencyclockdistribution.
Providingoutput-to-outputskewaslowas60ps,thePI6C10810
is an ideal clock distribution device for synchronous systems.
Designingsynchronousnetworkingsystemsrequiresatightlevel
ofskewfromalargenumberofoutputs.
CLK0-4operatefromVDDAsupply.
CLK5-6operatefromVDDCsupply.
CLK7-9operatefromVDDBsupply.
1
2
3
VDDA
4
CLK1
5
CLK0
6
CLK2
7
VDDA 8
GND
9
GND
10
VDDB
CLK8
GND
VDDC
CLK6
GND
CLK5
20
CLK4
19
18
17
16
15
14
13
12
11
BUF_IN
GND
CLK3
CLK7
CLK9
CLK2
CLK1
CLK0
BUF_IN
CLK3
CLK4
CLK7
CLK6
CLK5
CLK8
CLK9
VDDA
VDDC VDDB
11-0015


Similar Part No. - PI6C10810LE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C10804 PERICOM-PI6C10804 Datasheet
517Kb / 6P
1.8V/2.5V, 250MHz, 1:4 Networking Clock Buffer
PI6C10804 PERICOM-PI6C10804 Datasheet
373Kb / 7P
1.5V/1.8V/2.5V, 180MHz, 1:4 Networking Clock Buffer
PI6C10804WE PERICOM-PI6C10804WE Datasheet
517Kb / 6P
1.8V/2.5V, 250MHz, 1:4 Networking Clock Buffer
PI6C10804WE PERICOM-PI6C10804WE Datasheet
373Kb / 7P
1.5V/1.8V/2.5V, 180MHz, 1:4 Networking Clock Buffer
PI6C10804WEX PERICOM-PI6C10804WEX Datasheet
373Kb / 7P
1.5V/1.8V/2.5V, 180MHz, 1:4 Networking Clock Buffer
More results

Similar Description - PI6C10810LE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI49FCT20802 PERICOM-PI49FCT20802 Datasheet
161Kb / 7P
1:5/1:7 2.5V Clock Buffer for Networking Applications
PI6C10804 PERICOM-PI6C10804 Datasheet
517Kb / 6P
1.8V/2.5V, 250MHz, 1:4 Networking Clock Buffer
PI49FCT20807 PERICOM-PI49FCT20807 Datasheet
163Kb / 6P
1-10 Clock Buffer for Networking Applications
PI49FCT3807D PERICOM-PI49FCT3807D Datasheet
448Kb / 6P
1-10 Clock Buffer for Networking Applications
PI49FCT20802QEX PERICOM-PI49FCT20802QEX Datasheet
585Kb / 7P
1:5/1:7 2.5V Clock Buffer for Networking Applications
PI6C10804WEX PERICOM-PI6C10804WEX Datasheet
373Kb / 7P
1.5V/1.8V/2.5V, 180MHz, 1:4 Networking Clock Buffer
PI6C10807 PERICOM-PI6C10807 Datasheet
355Kb / 7P
1.8V/2.5V, 250MHz, 1:10 Networking Clock Buffer
PI6CL10804 PERICOM-PI6CL10804 Datasheet
557Kb / 6P
1.2V/1.5V, 200MHz, 1:4 Networking Clock Buffer
PI49FCT20807 PERICOM-PI49FCT20807_14 Datasheet
326Kb / 6P
1-10 Clock Buffer for Networking Applications
PI49FCT20802 PERICOM-PI49FCT20802_11 Datasheet
749Kb / 7P
1:5/1:7 2.5V Clock Buffer for Networking Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com