Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6C10810LE Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI6C10810LE
Description  1.2V-2.5V, 250MHz, 1:10 Networking Clock Buffer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C10810LE Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI6C10810LE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C10810LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C10810LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C10810LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C10810LE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C10810LE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C10810LE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C10810LE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C10810LE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
PS9014A
02/23/11
PI6C10810
1.2V-2.5V, 250MHz, 1:10 Networking Clock Buffer
1.8V AC Characteristics(OverOperatingRange:VDDA, VDDB, VDDC=1.8V±0.15V,TA=-40°to85°C)
Parameters Description
Test Conditions(1)
Min.
Typ
Max.
Units
FIN
InputFrequency
0
200
MHz
tPLH,tPHL(2) PropagationDelayBUF_INtoCLKn
CL=3pF,RL =
500-Ohm,125MHz
Outputsaremeasured
@VDD/2
1.0
2.3
2.8
tSK(O)(3)
Output to Output
Skewbetweenany
twooutputsofthe
samedevice@same
transition
BankA(CLK0-CLK4)
–
60
60
ps
BankC(CLK5-CLK6)
30
30
BankB(CLK7-CLK9)
–
200
200
tSK(P)(3)
PulseSkewbetweenoppositetransitions
(tPHL-tPLH)ofthesameoutput
100
200
tSK(T)(3)(5) ParttoPartSkewbetweentwoidenticaloutputs
ofdifferentpartsonthesameboard(4)
300
tdc_in
DutyCycleIn@1nsedgerate
45
55
%
tdc_out
DutyCycleOut
40
57.5
tj(5)
AdditiveJitter
50
ps
tR(o)
OutputRiseTime20%-80%CLKn
0.5
0.8
ns
tF(o)
OutputFallTime80%-20%CLKn
0.5
0.8
Notes:
1.Seetestcircuitandwaveforms.
2. MinimumlimitsareguaranteedbutnottestedonPropagationDelays.
3. Skewmeasuredatworstcasetemperature(max.temp).
4.Identicalconditions:loading,transitions,supplyvoltage,temperature,packagetypeandspeedgrade.
5. Guaranteedbydesign.
StorageTemperature...........................................................–65°Cto+150°C
VDD Voltage ..........................................................................–0.5Vto+2.5V
OutputVoltage(max2.5V) .......................................... –0.5V to VDD+0.5V
InputVoltage(max2.5V)............................................. –0.5V to VDD+0.5V
1.8V Absolute Maximum Ratings (Abovewhichtheusefullifemay
beimpaired.Foruserguidelinesonly,nottested.)
Note: Stresses greater than those listed under MAXI-
MUM RATINGS may cause permanent damage to the
device.Thisisastressratingonlyandfunctionaloperation
ofthedeviceattheseoranyotherconditionsabovethose
indicatedintheoperationalsectionsofthisspecificationis
notimplied.Exposuretoabsolutemaximumratingcondi-
tionsforextendedperiodsmayaffectreliability.
1.8V DC Characteristics (OverOperatingRange:VDDA, VDDB, VDDC=1.8V±0.15V,TA=-40°to85°C)
Parameters Description
Test Conditions(1)
Min.
Typ. (2)
Max.
Units
VDD
SupplyVoltage
1.65
1.8
1.95
VIH
InputHIGHVoltage
LogicHIGHlevel
1.1
2.7
V
VIL
InputLOWVoltage
LogicLOWlevel
-0.3
0.35*VDD
II
Input Current(3)
VDD=Max,
Vin=VDD or GND
Ipin
15
µA
VOH
OutputHighVoltage
VDD=Min.,VIN = VIH or VIL
IOH=-2mA
1.35
V
IOH=-8mA
1.2
VOL
OutputLOWVoltage
VDD=Min.,VIN-VIH or VIL
IOL=2mA
0.1
IOL=8mA
0.2
Notes:
1. ForMax.orMin.conditions,useappropriateoperatingVDDandTavalues.
2. TypicalvaluesareatVDD=1.8V,+25°Cambientandmaximumloading.
3.Thisparameterisdeterminedbydevicecharacterizationbutisnotproductiontested.
11-0015



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com