Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6C10810LE Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI6C10810LE
Description  1.2V-2.5V, 250MHz, 1:10 Networking Clock Buffer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C10810LE Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI6C10810LE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C10810LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C10810LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C10810LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C10810LE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C10810LE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C10810LE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C10810LE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C10810LE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
PS9014A
02/23/11
PI6C10810
1.2V-2.5V, 250MHz, 1:10 Networking Clock Buffer
StorageTemperature...........................................................–65°Cto+150°C
VDD Voltage ..........................................................................–0.5Vto+3.6V
OutputVoltage(max.3.6V) .......................................... –0.5V to VDD+0.5V
InputVoltage(max3.6V).............................................. –0.5V to VDD+0.5V
2.5V Absolute Maximum Ratings (Abovewhichtheusefullifemay
beimpaired.Foruserguidelinesonly,nottested.)
Note: Stresses greater than those listed under MAXI-
MUM RATINGS may cause permanent damage to the
device.Thisisastressratingonlyandfunctionaloperation
ofthedeviceattheseoranyotherconditionsabovethose
indicatedintheoperationalsectionsofthisspecificationis
notimplied.Exposuretoabsolutemaximumratingconditions
forextendedperiodsmayaffectreliability.
2.5V AC Characteristics(OverOperatingRange:VDDA, VDDB, VDDC=2.5V±0.2V,TA=-40°to85°C)
Parameters Description
Test Conditions(1)
Min.
Typ
Max. Units
FIN
InputFrequency
0
250
MHz
tPLH,tPHL(2) PropagationDelayBUF_INtoCLKn
RL=500-Ohm,CL =
3pF,125MHzOut-
putsaremeasured@
VDD/2
1.0
1.5
2.0
tSK(O)(3)
OutputtoOutputSkew
betweenanytwooutputs
ofthesamedevice@
sametransition
BankA(CLK0-CLK4)
–
60
60
ps
BankC(CLK5-CLK6)
–
30
30
BankB(CLK7-CLK9)
–
150
150
tSK(P)(3)
PulseSkewbetweenoppositetransitions
(tPHL-tPLH)ofthesameoutput
100
200
tSK(T)(3)(5) ParttoPartSkewbetweentwoidenticaloutputsofdif-
ferentpartsonthesameboard(4)
300
tdc_in
DutyCycleIn@Insedgerate
45
55
%
tdc_out
DutyCycleOut
40
57.5
tj(5)
AdditiveJitter
50
ps
tR(O)
OutputRiseTime20%-80%CLKn
RL=500-Ohm,CL =
3pF
0.5
0.7
ns
tF(O)
OutputFallTime80%-20%CLKn
0.5
0.7
Notes:
1.Seetestcircuitandwaveforms.
2.MinimumlimitsareguaranteedbutnottestedonPropagationDelays.
3.Skewmeasuredatworstcasetemperature(max.temp).
4.Identicalconditions:loading,transitions,supplyvoltage,temperature,packagetypeandspeedgrade.
5.Guaranteedbydesign.
2.5V DC Characteristics (OverOperatingRange:VDDA, VDDB, VDDC=2.5V±0.2V,TA=-40°to85°C)
Parameters Description
Test Conditions(1)
Min.
Typ. (2)
Max.
Units
VDD
SupplyVoltage
2.3
2.5
2.7
VIH
InputHIGHVoltage
LogicHIGHlevel
1.7
3.6
V
VIL
InputLOWVoltage
LogicLOWlevel
-0.3
0.7
II
Input Current
VDD=Max,Vin=VDD or GND
Ipin
15
µA
VOH
OutputHighVoltage
VDD=Min.,VIN = VIH or VIL
IOH=-1mA
2.0
V
IOH=-2mA
1.7
IOH=-8mA
1.7
VOL
OutputLOWVoltage
VDD=Min.,VIN-VIH or VIL
IOL=1mA
0.1
IOL=2mA
0.2
IOL=8mA
0.2
Notes:
1.ForMax.orMin.conditions,useappropriateoperatingrangevalues.
2. TypicalvaluesareatVDD=2.5V,+25°Cambientandmaximumloading.
11-0015



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com