Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6C49006 Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI6C49006
Description  Embedded Clock Generator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C49006 Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI6C49006 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C49006 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C49006 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C49006 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C49006 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C49006 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C49006 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C49006 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C49006 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
www.pericom.com
P-0.1
07/02/12
PI6C49006
Embedded Clock Generator
All trademarks are property of their respective owners.
Selection Table 1 – 100MHz/125MHz PCIe clock in
bank A
FS0
PCIE(0~3)
0
100MHz
1
125MHz
Selection Table 2 – Spread Spectrum
SS1
SS0
SSC
0
0
No spread
0
1
Down -0.75%
1
0
Down -0.5%
1
1
No spread
Selection Table 3 – 33/50/66/100/133MHz LVCMOS clock in bank B
FS1
FS2
FS3
OutB_0/1
OutB_2/3
0
0
0
1. Output disable in hardware control
mode, internal pull-down
2. Output = 50MHz in software control
mode
1. Output disable in hardware control
mode, internal pull-down
2. Output = 133MHz in software control
mode
0
0
1
33M
66M
0
1
0
50M
100M
0
1
1
66M
133M
1
0
0
33M
50M
1
0
1
33M
100M
1
1
0
66M
50M
1
1
1
66M
100M
Selection Table 4 – 25/125MHz LVCMOS/25MHz Diff clock in bank C
FS4
125M_Out0
25M_Out1
25M_Out2
25M_Out Diff
0
Output disable, internal
pull-down
25MHz
25MHz
Output disable, internal
pull-down
1
125MHz
25MHz
25MHz
Output disable, internal
pull-down
NC
Output disable, internal
pull-down
Output disable, internal
pull-down
Output disable, internal
pull-down
25MHz Diff
12-0212



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com