Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6C49006 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI6C49006
Description  Embedded Clock Generator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C49006 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI6C49006 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C49006 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C49006 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C49006 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C49006 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C49006 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C49006 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C49006 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C49006 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
www.pericom.com
P-0.1
07/02/12
PI6C49006
Embedded Clock Generator
All trademarks are property of their respective owners.
Pin List
Pin#
Pin Name
Pin Type
Pin Description
16
VDD
Power
3.3V Supply Pin
17
GND
Power
Ground
18
25M_Out1
Output
25.MHz LVCMOS output
19
25M_Out2
Output
25MHz LVCMOS output
20
VDD
Power
3.3V Supply Pin
21
25M_Out Diff+
Output
25MHz HCSL output, follow matching circuit in Figure 4
22
25M_Out Diff-
Output
25MHz HCSL output, follow matching circuit in Figure 4
23
GND
Power
Ground
24
RESET#
Input
Power down reset - When low all PLLs are powered down
and outputs tristated. SMBus registers are reset to default
values
25
X1
Input
Crystal input. Integrated 6pF capacitance
26
X2
Output
Crystal output. Integrated 6pF capacitance
27
VDD_XTAL
Power
3.3V Supply Pin for XTAL
28
GND_XTAL
Power
Ground for XTAL
29
VDD
Power
3.3V Supply Pin
30
125M_Out0
Output
125MHz LVCMOS output
31
GND
Power
Ground
32
FS4
Input
Frequency select pin for Bank C 25/125MHz LVCMOS
output
33
FS3
Input
Frequency select pin for Bank B 33/50/66/100/133MHz
LVCMOS output
34
FS2
Input
Frequency select pin for Bank B 33/50/66/100/133MHz
LVCMOS output
35
FS1
Input
Frequency select pin for Bank B 33/50/66/100/133MHz
LVCMOS output
36
FS0
Input
Frequency select pin for Bank A 100/125MHz HCSL
output
37
GND
Power
Ground
38
NC
-
Do Not Connect
39
NC
-
Do Not Connect
40
PCIE3
Output
100/125MHz HCSL output
41
PCIE3N
Output
100/125MHz HCSL output
42
VDD
Power
3.3V Supply Pin
43
PCIE2N
Output
100/125MHz HCSL output
44
PCIE2
Output
100/125MHz HCSL output
45
PCIE1
Output
100/125MHz HCSL output
46
PCIE1N
Output
100/125MHz HCSL output
47
VDDA
Power
Analog Power Supply Pin. See Application Circuit in
Figure 5
48
GND
Power
Ground
12-0212



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com