Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6C49006 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI6C49006
Description  Embedded Clock Generator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C49006 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI6C49006 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C49006 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C49006 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C49006 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C49006 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C49006 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C49006 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C49006 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C49006 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
www.pericom.com
P-0.1
07/02/12
PI6C49006
Block Diagram
Description
The new PI6C49006 is a high performance clock generator
intended for all kinds of embedded applications, which include
Wireless AP & Femtocell BTS, Multi Function Printer, and other
PCIe/Networking applications. It is the most cost effective way
to generate a high quality, high frequency clock output from a
crystal and reference clock. The device can generate 100/125MHz
HCSL outputs for PCIe, selectable 33/50/66/100/133 LVMOS
clock for network processor and DSP and 25MHz Ethernet clock
combination.
Features
Î
Î
3.3V supply voltage
Î
Î
25MHz XTAL or reference clock input
Î
Î
Output
à
4 x PCIe 2.0 100MHz/125MHz clock with spread
spectrum support
à
(2+2) x selectable 33/50/66/100/133MHz LVCMOS
clock with ±10% frequency margin
à
1 x 125MHz LVCMOS clock
à
2 x 25MHz LVCMOS clock
à
1 x 25MHz Differential clock (HCSL type)
Î
Î
Packaging (Pb free and Green)
à
48-pin TSSOP (A)
Embedded Clock Generator
PLL Clock Synthesis
& Spread Spectrum
& Control Circuit
Crystal
Oscillator
X1/ICL
K
X2
125MHz_Out 0
FS0
SCLK
FS2
FS3
OutB_(2~3)
OutB_(0~1)
FS1
25MHz_Out Diff
PCIE(0~3)
25MHz_Out (1~2)
FS4
4
2
I2C Control
Circuit
SDATA
RESET#
2
2
12-0212


Similar Part No. - PI6C49006

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C49003 PERICOM-PI6C49003 Datasheet
289Kb / 12P
Networking Clock Generator
PI6C49003A PERICOM-PI6C49003A Datasheet
843Kb / 12P
PCIe Gen 2 Networking Clock Generator
PI6C49003AAE PERICOM-PI6C49003AAE Datasheet
843Kb / 12P
PCIe Gen 2 Networking Clock Generator
PI6C49003AE PERICOM-PI6C49003AE Datasheet
289Kb / 12P
Networking Clock Generator
PI6C49004 PERICOM-PI6C49004 Datasheet
762Kb / 12P
Networking Clock Generator
More results

Similar Description - PI6C49006

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
P4201A INTEL-P4201A Datasheet
25Kb / 1P
CLOCK GENERATOR
logo
Rohm
BU2280FV ROHM-BU2280FV Datasheet
272Kb / 6P
Clock Generator
BU2360FV ROHM-BU2360FV Datasheet
270Kb / 6P
Clock Generator
BU2394KN ROHM-BU2394KN Datasheet
278Kb / 6P
Clock Generator
logo
Winbond
W83195BR-118 WINBOND-W83195BR-118 Datasheet
361Kb / 28P
Clock Generator
logo
List of Unclassifed Man...
SL28EB742 ETC2-SL28EB742 Datasheet
231Kb / 40P
INTEL CEDARVIEW EMBEDDED CLOCK GENERATOR
logo
ON Semiconductor
NB3N51044 ONSEMI-NB3N51044 Datasheet
135Kb / 13P
Clock Generator
July, 2014 ??Rev. 1
logo
Pericom Semiconductor C...
PI6C49015 PERICOM-PI6C49015 Datasheet
958Kb / 10P
Embedded Clock Generator
logo
Xilinx, Inc
DS614 XILINX-DS614 Datasheet
289Kb / 9P
Clock Generator
logo
Integrated Device Techn...
5L35023 IDT-5L35023 Datasheet
547Kb / 38P
Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com