Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6C49006 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI6C49006
Description  Embedded Clock Generator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C49006 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI6C49006 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C49006 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C49006 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C49006 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C49006 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C49006 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C49006 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C49006 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C49006 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
www.pericom.com
P-0.1
07/02/12
PI6C49006
Embedded Clock Generator
All trademarks are property of their respective owners.
Pin Description
Pin#
Pin Name
Pin Type
Pin Description
1
VDD
Power
3.3V Supply Pin
2
IREF
Output
Connect to 475 ohm resistor to set HCSL output drive
current
3
PCIE0N
Output
100/125MHz HCSL output
4
PCIE0
Output
100/125MHz HCSL output
5
GND
Power
Ground
6
GND
Power
Ground
7
VDD
Power
3.3V Supply Pin
8
OutB_0
Output
33/50/66 MHz selectable LVCMOS output
9
OutB_1
Output
33/50/66MHz selectable LVCMOS output
10
SCLK
Input
I2C compatible clock
11
SDATA
Input
I2C compatible data
12
GND
Power
Ground
13
OutB_2
Output
50/66/100/133 MHz selectable LVCMOS output
14
OutB_3
Output
50/66/100/133 MHz selectable LVCMOS output
15
VDD
Power
3.3V Supply Pin
Pin List
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
VDD
IREF
PCIE0N
PCIE0
GND
GND
VDD
OutB_0
OutB_1
SCLK
SDATA
GND
OutB_2
OutB_3
VDD
VDD
GND
25M_Out1
25M_Out2
VDD
25M_Out Diff+
25M_Out Diff-
GND
RESET#
GND
VDDA
PCIE1N
PCIE2
PCIE2N
VDD
PCIE3N
PCIE3
NC
NC
GND
FS0
FS1
FS2
FS3
FS4
GND
125M_Out0
VDD
GND_XTAL
VDD_XTAL
X2
X1
PCIE1
12-0212



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com