Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC345LP3 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC345LP3
Description  GaAs MMIC SP4T NON-REFLECTIVE POSITIVE CONTROL SWITCH, DC - 8.0 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC345LP3 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC345LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC345LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC345LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC345LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC345LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC345LP3 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MICROWAVE CORPORATION
14 - 197
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
14
Absolute Maximum Ratings
HMC345LP3
v03.0604
Outline Drawing
Note: DC blocking capacitors are required at ports
RFC and RF1, 2, 3, & 4. Their value will determine the
lowest transmission frequency.
GaAs MMIC SP4T NON-REFLECTIVE
POSITIVE CONTROL SWITCH, DC - 8.0 GHz
NOTES:
1. MATERIAL PACKAGE BODY: LOW STRESS INJECTION MOLDED
PLASTIC SILICA AND SILICON IMPREGNATED.
2. LEAD AND GROUND PADDLE MATERIAL: COPPER ALLOY
3. LEAD AND GROUND PADDLE PLATING: Sn/Pb SOLDER
4. DIMENSIONS ARE IN INCHES [MILLIMETERS].
5. LEAD SPACING TOLERANCE IS NON-CUMULATIVE
6. PAD BURR LENGTH SHALL BE 0.15mm MAXIMUM.
PAD BURR HEIGHT SHALL BE 0.05mm MAXIMUM.
7. PACKAGE WARP SHALL NOT EXCEED 0.05mm.
8. ALL GROUND LEADS AND GROUND PADDLE MUST BE SOLDERED
TO PCB RF GROUND.
9. REFER TO HITTITE APPLICATION NOTE FOR SUGGESTED PCB
LAND PATTERN.
Bias Voltage Range (Vdd)
+7.0 Vdc
Control Voltage Range
(A & B)
-0.5V to Vdd +1.0 Vdc
Channel Temperature
150 °C
Thermal Resistance
(Insertion Loss Path)
143 °C/W
Thermal Resistance
(Terminated Path)
1030 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
Maximum Input Power
+24 dBm



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com