Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC345LP3 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC345LP3
Description  GaAs MMIC SP4T NON-REFLECTIVE POSITIVE CONTROL SWITCH, DC - 8.0 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC345LP3 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC345LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC345LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC345LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC345LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC345LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC345LP3 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MICROWAVE CORPORATION
14 - 195
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
14
-5
-4
-3
-2
-1
0
012
3
456
7
8
9
+25 C
-40 C
+85 C
FREQUENCY (GHz)
-70
-60
-50
-40
-30
-20
-10
0
012
3
456
7
8
9
RF1
RF2
RF3
RF4
FREQUENCY (GHz)
-25
-20
-15
-10
-5
0
012
3
456
7
8
9
RFC
RF1,2,3,4 On
RF1,2,3,4 Off
FREQUENCY (GHz)
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
12
345
678
0.1dB Compression Point
1dB Compression Point
FREQUENCY (GHz)
30
35
40
45
50
55
60
12
345
678
RF1
RF2
RF3
RF4
FREQUENCY (GHz)
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER 17 - 25 GHz
HMC345LP3
Input Third Order Intercept Point
v03.0604
Return Loss
0.1 and 1 dB Input Compression Point
Insertion Loss vs. Temperature
Isolation
* Isolation is recorded above insertion loss & measured at output of switch.
GaAs MMIC SP4T NON-REFLECTIVE
POSITIVE CONTROL SWITCH, DC - 8.0 GHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com