Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC345LP3 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC345LP3
Description  GaAs MMIC SP4T NON-REFLECTIVE POSITIVE CONTROL SWITCH, DC - 8.0 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC345LP3 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC345LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC345LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC345LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC345LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC345LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC345LP3 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MICROWAVE CORPORATION
14 - 194
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
14
HMC345LP3
GaAs MMIC SP4T NON-REFLECTIVE
POSITIVE CONTROL SWITCH, DC* - 8.0 GHz
v03.0604
General Description
Features
Functional Diagram
The HMC345LP3 is a broadband non-reflective
GaAs MESFET SP4T switch in a low cost lead-
less surface mount package. Covering DC to 8
GHz, this switch offers high isolation and low
insertion loss. This switch also includes an on
board binary decoder circuit which reduces the
required logic control lines to two. The switch
operates using a positive control voltage of 0/+5V,
and requires a fixed bias of +5V.
Broadband Performance: DC - 8.0 GHz
High Isolation: 35 dB@ 6 GHz
Low Insertion Loss: 2.2 dB@ 6 GHz
Integrated Positive Supply 2:4 TTL Decoder
3 mm x 3 mm x 1 mm SMT Package
Electrical Specifications, T
A = +25° C, With 0/+5V Control, 50 Ohm System
Typical Applications
This switch is suitable for usage in DC - 8.0 GHz
50-Ohm or 75-Ohm systems:
• Broadband
• Fiber Optics
• Switched Filter Banks
• Wireless below 8 GHz
* Blocking capacitors are required at ports RFC and
RF1, 2, 3, & 4. Their value will determine the lowest
transmission frequency.
Parameter
Frequency
Min.
Typ.
Max.
Units
Insertion Loss
DC - 2.0 GHz
DC - 6.0 GHz
DC - 8.0 GHz
2.0
2.2
2.4
2.4
2.6
2.9
dB
dB
dB
Isolation
DC - 2.0 GHz
DC - 4.0 GHz
DC - 6.0 GHz
DC - 8.0 GHz
37
32
31
27
42
37
35
32
dB
dB
dB
dB
Return Loss
“On State”
DC - 2.0 GHz
DC - 4.0 GHz
DC - 6.0 GHz
DC - 8.0 GHz
10
8
7
6
13
11
10
9
dB
dB
dB
dB
Return Loss (RF1 - RF4)
“Off State”
2.0 - 8.0 GHz
6
10
dB
Input Power for 1 dB Compression
2.0 - 8.0 GHz
17
21
dBm
Input Third Order Intercept
(Two-Tone Input Power = +7 dBm Each Tone, 1MHz Tone Separation)
2.0 - 8.0 GHz
37
45
dBm
Switching Characteristics
tRISE, tFALL (10/90% RF)
tON, tOFF (50% CTL to 10/90% RF)
DC - 8.0 GHz
50
120
ns
ns


Similar Part No. - HMC345LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC345LP3 HITTITE-HMC345LP3 Datasheet
214Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE POSITIVE CONTROL SWITCH, DC* - 8 GHz
HMC345LP3E HITTITE-HMC345LP3E Datasheet
214Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE POSITIVE CONTROL SWITCH, DC* - 8 GHz
HMC345LP3 HITTITE-HMC345LP3_08 Datasheet
214Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE POSITIVE CONTROL SWITCH, DC* - 8 GHz
More results

Similar Description - HMC345LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC321LP4 HITTITE-HMC321LP4 Datasheet
253Kb / 6P
GaAs MMIC SP8T NON-REFLECTIVE POSITIVE CONTROL SWITCH, DC - 8.0 GHz
HMC344 HITTITE-HMC344 Datasheet
167Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 8.0 GHz
HMC344LP3 HITTITE-HMC344LP3 Datasheet
224Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 8.0 GHz
HMC344LC3 HITTITE-HMC344LC3 Datasheet
249Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 8.0 GHz
HMC321LP4 HITTITE-HMC321LP4_06 Datasheet
347Kb / 6P
GaAs MMIC SP8T NON-REFLECTIVE POSITIVE CONTROL SWITCH, DC* - 8.0 GHz
HMC344 HITTITE-HMC344_06 Datasheet
211Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 8.0 GHz
HMC344LP3 HITTITE-HMC344LP3_06 Datasheet
307Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 8.0 GHz
HMC182S14 HITTITE-HMC182S14_08 Datasheet
204Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 2 GHz
HMC345LP3 HITTITE-HMC345LP3_08 Datasheet
214Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE POSITIVE CONTROL SWITCH, DC* - 8 GHz
logo
Analog Devices
HMC345ALP3E AD-HMC345ALP3E Datasheet
497Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE POSITIVE CONTROL SWITCH, DC* - 8 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com