Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC345LP3 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC345LP3
Description  GaAs MMIC SP4T NON-REFLECTIVE POSITIVE CONTROL SWITCH, DC - 8.0 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC345LP3 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC345LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC345LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC345LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC345LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC345LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC345LP3 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MICROWAVE CORPORATION
14 - 198
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
14
Pin Number
Function
Description
Interface Schematic
1, 4,
9, 12, 15
RF4, RF3,
RF2, RF1, RFC
This pin is DC coupled and matched to 50 Ohm. Blocking
capacitors are required.
2, 3,
10, 11, 13
N/C
This pin should be connected to PCB RF ground to maximize
isolation.
5, 14, 16
GND
Package bottom has exposed metal paddle that must also be
connected to PCB RF ground.
6
VDD
Supply Voltage +5V ± 10%
7
CTLB
See truth table and control voltage table.
8
CTLA
See truth table and control voltage table.
HMC345LP3
v03.0604
Pin Descriptions
GaAs MMIC SP4T NON-REFLECTIVE
POSITIVE CONTROL SWITCH, DC - 8.0 GHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com