Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT4401-G Datasheet(PDF) 4 Page - Comchip Technology

Part # MMBT4401-G
Description  General Purpose Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

MMBT4401-G Datasheet(HTML) 4 Page - Comchip Technology

  MMBT4401-G Datasheet HTML 1Page - Comchip Technology MMBT4401-G Datasheet HTML 2Page - Comchip Technology MMBT4401-G Datasheet HTML 3Page - Comchip Technology MMBT4401-G Datasheet HTML 4Page - Comchip Technology MMBT4401-G Datasheet HTML 5Page - Comchip Technology MMBT4401-G Datasheet HTML 6Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Page 4
QW-BTR32
REV:B
RATING AND CHARACTERISTIC CURVES (MMBT4401-G)
General Purpose Transistor
Company reserves the right to improve product design , functions and reliability without notice.
1
Fig.5 - IC
VBE
—
Base - Emmiter Voltage, VBE (mV)
0.2
0.4
0.8
0.6
0.0
0.1
10
100
600
1.2
Ta=100°C
Ta= 25°C
COMMON EMITTER
VCE = 1V
Fig.6 - FT — IC
10
20
30
40
10
100
500
Fig.8 - PC — Ta
Ambient Temperature, Ta (°C)
0
25
50
75
100
125
150
0
100
200
300
400
Fig.7 - Cob/Cib — VCB/VEB
0.1
1
10
30
0
10
100
Reverse Voltge, V (V)
Cib
Cob
f=1MHZ
IE=0/IC=0
Ta=25°C
20
1.0
VCE=10V
COMMON EMITTER
TA=25°C
0
Collector Current, IC (mA)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com