Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT4401-G Datasheet(PDF) 1 Page - Comchip Technology

Part # MMBT4401-G
Description  General Purpose Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

MMBT4401-G Datasheet(HTML) 1 Page - Comchip Technology

  MMBT4401-G Datasheet HTML 1Page - Comchip Technology MMBT4401-G Datasheet HTML 2Page - Comchip Technology MMBT4401-G Datasheet HTML 3Page - Comchip Technology MMBT4401-G Datasheet HTML 4Page - Comchip Technology MMBT4401-G Datasheet HTML 5Page - Comchip Technology MMBT4401-G Datasheet HTML 6Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MMBT4401-G (NPN)
RoHS Device
QW-BTR32
Page 1
REV:B
Features
-Switching Transistor
1
Base
2
Emitter
Collector
3
General Purpose Transistor
Company reserves the right to improve product design , functions and reliability without notice.
Dimensions in inches and (millimeter)
SOT-23
3
1
2
0.118(3.00)
0.110(2.80)
0.055(1.40)
0.047(1.20)
0.079(2.00)
0.071(1.80)
0.041(1.05)
0.035(0.90)
0.020(0.50)
0.012(0.30)
0.006(0.15)
0.003(0.08)
0.100(2.55)
0.089(2.25)
0.004(0.10) max
0.012(0.30)
0.020(0.50)
Collector-Base voltage
Collector-Emitter voltage
Emitter-Base voltage
Collector current
Collector power dissipation
Thermal resistance, junction to ambient
Junction temperature
Storage temperature range
Units
Symbol
Parameter
VCBO
VCEO
VEBO
IC
PC
RθJA
TJ
TSTG
Value
60
40
6
600
300
417
150
-55 to +150
V
V
V
mA
mW
°C/W
°C
°C
Maximum Ratings (at Ta=25°C unless otherwise noted)
Circuit Diagram


Similar Part No. - MMBT4401-G

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBT4401-13-F DIODES-MMBT4401-13-F Datasheet
90Kb / 4P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30039 Rev. 13 - 2
logo
Guangdong Kexin Industr...
MMBT4401-3 KEXIN-MMBT4401-3_15 Datasheet
1Mb / 2P
NPN Transistors
logo
Diodes Incorporated
MMBT4401-7 DIODES-MMBT4401-7 Datasheet
52Kb / 3P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30039 Rev. 4 - 2
MMBT4401-7-F DIODES-MMBT4401-7-F Datasheet
124Kb / 4P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30039 Rev. 9 - 2
MMBT4401-7-F DIODES-MMBT4401-7-F Datasheet
90Kb / 4P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30039 Rev. 13 - 2
More results

Similar Description - MMBT4401-G

ManufacturerPart #DatasheetDescription
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
General purpose transistor
logo
SeCoS Halbleitertechnol...
2SA673 SECOS-2SA673_11 Datasheet
360Kb / 2P
General Purpose Transistor
BCP772 SECOS-BCP772 Datasheet
493Kb / 2P
General Purpose Transistor
KSD471A SECOS-KSD471A Datasheet
202Kb / 2P
General Purpose Transistor
KTC3198 SECOS-KTC3198 Datasheet
109Kb / 3P
General Purpose Transistor
MMBT593 SECOS-MMBT593 Datasheet
355Kb / 2P
General Purpose Transistor
MMBT2222Q SECOS-MMBT2222Q Datasheet
257Kb / 4P
General Purpose Transistor
MMBT3904W SECOS-MMBT3904W Datasheet
419Kb / 6P
General Purpose Transistor
PZT3904 SECOS-PZT3904 Datasheet
188Kb / 5P
General Purpose Transistor
logo
WILLAS ELECTRONIC CORP
MMBT2907AWT1 WILLAS-MMBT2907AWT1 Datasheet
285Kb / 3P
General Purpose Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com